Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB6670S Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDB6670S
Description  30V N-Channel PowerTrench SyncFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDB6670S Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDB6670S Datasheet HTML 1Page - Fairchild Semiconductor FDB6670S Datasheet HTML 2Page - Fairchild Semiconductor FDB6670S Datasheet HTML 3Page - Fairchild Semiconductor FDB6670S Datasheet HTML 4Page - Fairchild Semiconductor FDB6670S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDP6670S/FDB6670S Rev E (W)
Typical Characteristics (continued)
0
2
4
6
8
10
0
10
20
30
40
50
Qg, GATE CHARGE (nC)
ID = 31A
VDS = 10V
20V
15V
0
600
1200
1800
2400
3000
3600
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
1
10
100
1000
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
100ms
RDS(ON) LIMIT
VGS = 10V
SINGLE PULSE
RθJC = 2.1
o
C/W
TA = 25
o
C
10ms
100µs
1ms
10us
0
200
400
600
800
1000
0.0001
0.001
0.01
0.1
1
t1, TIME (sec)
SINGLE PULSE
RθJC = 2.1°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1, TIME (sec)
RθJC(t) = r(t) * RθJC
RθJC = 2.1 °C/W
TJ - Tc = P * RθJC(t)
Duty Cycle, D = t1 / t2
P(pk
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.


Similar Part No. - FDB6670S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB6670AL FAIRCHILD-FDB6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDB6670AS FAIRCHILD-FDB6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDB6670AS FAIRCHILD-FDB6670AS Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDB6670AS_NL FAIRCHILD-FDB6670AS_NL Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results

Similar Description - FDB6670S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDP6690S FAIRCHILD-FDP6690S Datasheet
88Kb / 5P
   30V N-Channel PowerTrench SyncFET
FDS6690S FAIRCHILD-FDS6690S Datasheet
262Kb / 9P
   30V N-Channel PowerTrench SyncFET?
FDS6299S FAIRCHILD-FDS6299S Datasheet
114Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com