Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2831UIM25 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CM2831UIM25
Description  300mA CMOS LDO WITH ENABLE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM2831UIM25 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CM2831UIM25 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2831UIM25 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CM2831
300mA CMOS LDO WITH ENABLE
2002/04/12 Rev. 3
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Output Voltage
Temperature Range
Package
CM2831AIM25
1.5V
-40℃ ~ +85℃
SOT-23-5
CM2831DIM25
1.8V
-40℃ ~ +85℃
SOT-23-5
CM2831EIM25
1.9V
-40℃ ~ +85℃
SOT-23-5
CM2831HIM25
2.2V
-40℃ ~ +85℃
SOT-23-5
CM2831KIM25
2.5V
-40℃ ~ +85℃
SOT-23-5
CM2831MIM25
2.7V
-40℃ ~ +85℃
SOT-23-5
CM2831NIM25
2.8V
-40℃ ~ +85℃
SOT-23-5
CM2831OIM25
2.9V
-40℃ ~ +85℃
SOT-23-5
CM2831PIM25
3.0V
-40℃ ~ +85℃
SOT-23-5
CM2831SIM25
3.3V
-40℃ ~ +85℃
SOT-23-5
CM2831UIM25
3.5V
-40℃ ~ +85℃
SOT-23-5
CM2831VIM25
3.6V
-40℃ ~ +85℃
SOT-23-5
CM2831XIM25
3.8V
-40℃ ~ +85℃
SOT-23-5
Note: For other pre-set output voltage requirements, please contact Champion Sales office.
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage
…………….……………………………. +7V
Output Current
…………………….……
PD / (VIN - Vo) mA
Output Voltage
…………………… GND-0.3V to VIN+0.3V
ESD Classification
………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range
…..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
Thermal Resistance (Θjc)
SOT-23-5
260
℃/W
Internal Power Dissipation (PD)
(ΔT = 100℃)
SOT-23-5
380
℃/W
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2831UIM25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2830 ETC-CM2830 Datasheet
526Kb / 15P
   300mA CMOS LDO
CM2830 ETC2-CM2830 Datasheet
390Kb / 16P
   300mA CMOS LDO
logo
Champion Microelectroni...
CM2830 CHAMP-CM2830 Datasheet
612Kb / 16P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2830A ETC-CM2830A Datasheet
526Kb / 15P
   300mA CMOS LDO
CM2830A ETC2-CM2830A Datasheet
390Kb / 16P
   300mA CMOS LDO
More results

Similar Description - CM2831UIM25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9002 TSC-TS9002_07 Datasheet
219Kb / 5P
   300mA CMOS LDO with Enable & Power Good
TS9002 TSC-TS9002 Datasheet
125Kb / 5P
   300mA CMOS LDO with Enable & Power Good
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com