Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA55H3340M-101 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA55H3340M-101
Description  Broadband Frequency Range
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA55H3340M-101 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA55H3340M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA55H3340M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
<Silicon RF Power Modules >
RA55H3340M
RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
Publication Date : Oct.2011
3
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2nd, 3rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
0
10
20
30
40
50
60
70
80
320 330 340 350 360 370 380 390 400 410
FREQUENCY f(MHz)
0
10
20
30
40
50
60
70
80
VDD=12.5V
VGG=5V
Pin=50mW
Pout
ηT
ρ
in
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=330MHz,
VDD=12.5V,
VGG=5V
Pout
IDD
Gp
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=365MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
-80
-70
-60
-50
-40
-30
320 330 340 350 360 370 380 390 400 410
FREQUENCY f(MHz)
VDD=12.5V
VGG=5V
Pin=50mW
2
nd
3
rd
0
10
20
30
40
50
60
-10
-5
0
5
10
15
20
INPUT POWER Pin(dBm)
0
4
8
12
16
20
24
f=400MHz,
VDD=12.5V,
VGG=5V
Pout
Gp
IDD
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
110
120
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
22
24
Pout
f=330MHz,
VGG=5V,
Pin=50mW
IDD
0
10
20
30
40
50
60
70
80
90
100
110
120
2
4
6
8
10
12
14
16
DRAIN VOLTAGE VDD(V)
0
2
4
6
8
10
12
14
16
18
20
22
24
Pout
f=365MHz,
VGG=5V,
Pin=50mW
IDD


Similar Part No. - RA55H3340M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
88Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
98Kb / 9P
   330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3340M-101 MITSUBISHI-RA55H3340M-101 Datasheet
254Kb / 9P
   RoHS Compliance , 330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA55H3340M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H4047M1-101 MITSUBISHI-RA30H4047M1-101 Datasheet
246Kb / 9P
   Broadband Frequency Range
RA07H4047M-101 MITSUBISHI-RA07H4047M-101 Datasheet
112Kb / 9P
   Broadband Frequency Range
RA07M4047M-101 MITSUBISHI-RA07M4047M-101 Datasheet
117Kb / 9P
   Broadband Frequency Range
RA30H3340M-101 MITSUBISHI-RA30H3340M-101 Datasheet
205Kb / 8P
   Broadband Frequency Range
RA55H4047M-101 MITSUBISHI-RA55H4047M-101 Datasheet
257Kb / 9P
   Broadband Frequency Range
RA55H4452M-101 MITSUBISHI-RA55H4452M-101 Datasheet
258Kb / 9P
   Broadband Frequency Range
RA60H1317M-101 MITSUBISHI-RA60H1317M-101 Datasheet
245Kb / 9P
   Broadband Frequency Range
RA30H2127M-101 MITSUBISHI-RA30H2127M-101 Datasheet
171Kb / 9P
   Broadband Frequency Range
RA30H4452M-101 MITSUBISHI-RA30H4452M-101 Datasheet
185Kb / 8P
   Broadband Frequency Range
RA07M1317M-101 MITSUBISHI-RA07M1317M-101 Datasheet
107Kb / 9P
   Broadband Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com