Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LYG5AP-CZDZ-36-1 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LYG5AP-CZDZ-36-1
Description  clear silicone lens
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYG5AP-CZDZ-36-1 Datasheet(HTML) 3 Page - OSRAM GmbH

  LYG5AP-CZDZ-36-1 Datasheet HTML 1Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 2Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 3Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 4Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 5Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 6Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 7Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 8Page - OSRAM GmbH LYG5AP-CZDZ-36-1 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LY G5AP
2011-05-04
3
Maximum Ratings
Grenzwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operating temperature range
Betriebstemperatur
T
op
-40 ... + 85
°C
Storage temperature range
Lagertemperatur
T
stg
-40 ... + 85
°C
Junction temperature
Sperrschichttemperatur
T
j
+ 125
°C
Junction Temperature
Sperrschichttemperatur
T
j
>150 for short term applications
°C
Forward current
Durchlassstrom
(T
S = 25 °C)
I
F
30 ... 200
mA
Surge current
Stoßstrom
(t <= 10
μs, D = 0.005, T
S = 25 °C)
I
FM
500
mA
Reverse voltage
Sperrspannung
(T
S = 25 °C)
V
R
not designed for reverse operation V


Similar Part No. - LYG5AP-CZDZ-36-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYG5AP-CZDZ-36-1 OSRAM-LYG5AP-CZDZ-36-1 Datasheet
910Kb / 21P
   Advanced Power TOPLED
More results

Similar Description - LYG5AP-CZDZ-36-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRW5AM OSRAM-LRW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LR-W5AM OSRAM-LR-W5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LA-G5AP OSRAM-LA-G5AP Datasheet
915Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LRG5AP OSRAM-LRG5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LR-G5AP OSRAM-LR-G5AP Datasheet
905Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LY-G5AP OSRAM-LY-G5AP Datasheet
910Kb / 21P
   white PLCC-4 package, colorless clear silicone resin, clear silicone lens
LDW5AM OSRAM-LDW5AM Datasheet
404Kb / 22P
   white SMD package, clear silicone lens
LD-W5AM OSRAM-LD-W5AM Datasheet
404Kb / 22P
   white SMD package, clear silicone lens
LDG5AP OSRAM-LDG5AP Datasheet
606Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
LD-G5AP OSRAM-LD-G5AP Datasheet
606Kb / 18P
   white P-LCC-4 package, colorless clear silicone resin, clear silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com