Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ550N10FRA Datasheet(PDF) 4 Page - Rohm

Part # RSJ550N10FRA
Description  4V Drive Nch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ550N10FRA Datasheet(HTML) 4 Page - Rohm

  RSJ550N10FRA Datasheet HTML 1Page - Rohm RSJ550N10FRA Datasheet HTML 2Page - Rohm RSJ550N10FRA Datasheet HTML 3Page - Rohm RSJ550N10FRA Datasheet HTML 4Page - Rohm RSJ550N10FRA Datasheet HTML 5Page - Rohm RSJ550N10FRA Datasheet HTML 6Page - Rohm RSJ550N10FRA Datasheet HTML 7Page - Rohm RSJ550N10FRA Datasheet HTML 8Page - Rohm RSJ550N10FRA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSJ550N10
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
Source-Drain Voltage : V
SD [V]
Fig.7 Source Current vs. Source-Drain Voltage
V
GS=0V
pulsed
T
a=125 C
T
a=75 C
T
a=25 C
T
a=25 C
0
10
20
30
40
50
02468
10
Gate-Source Voltage : V
GS [V]
Fig.8 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
T
a=25 C
pulsed
I
D=50A
I
D=27.5A
1
10
100
1000
10000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.9 Switching Characteristics
t
d(on)
t
r
t
d(off)
t
f
V
DD
50V
V
GS=10V
R
G=10:
T
a=25 C
Pulsed
0
2
4
6
8
10
0 10 20 30 40 50 60 70 80 90 100110120130140150
Total Gate Charge : Q
g [nC]
Fig.10 Dynamic Input Characteristics
T
a=25 C
V
DD=50V
I
D=27.5A
Pulsed
10
100
1000
10000
100000
0.01
0.1
1
10
100
1000
Drain-Source Voltage : V
DS [V]
Fig.11 Typical Capacitance vs. Drain-Source Voltage
T
a=25 C
f=1MHz
V
GS=0V
C
iss
C
oss
C
rss
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse width : Pw (s)
Fig.12 Normalized Transient Thermal Resistance v.s. Pulse Width
T
a=25 C
Single Pulse
Mounted on epoxy board.
(25mm
27mm
0.8mm)
Rth
(ch-a)=71.4 C/W
Rth(ch-a)(t)=r(t) Rth(ch-a)
4/6
2011.06 - Rev.A
2016.06 - Rev.A
FRA


Similar Part No. - RSJ550N10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ550N10 ROHM-RSJ550N10 Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
More results

Similar Description - RSJ550N10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com