Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSJ250P10FRA Datasheet(PDF) 4 Page - Rohm

Part # RSJ250P10FRA
Description  4V Drive Pch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSJ250P10FRA Datasheet(HTML) 4 Page - Rohm

  RSJ250P10FRA Datasheet HTML 1Page - Rohm RSJ250P10FRA Datasheet HTML 2Page - Rohm RSJ250P10FRA Datasheet HTML 3Page - Rohm RSJ250P10FRA Datasheet HTML 4Page - Rohm RSJ250P10FRA Datasheet HTML 5Page - Rohm RSJ250P10FRA Datasheet HTML 6Page - Rohm RSJ250P10FRA Datasheet HTML 7Page - Rohm RSJ250P10FRA Datasheet HTML 8Page - Rohm RSJ250P10FRA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSJ250P10
10
100
1000
0.1
1
10
100
V
GS= 4.0V
Pulsed
T
a=125 C
T
a=75 C
T
a=25 C
T
a=25 C
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(
)
DRAIN-CURRENT :
I
D[A]
0.1
1
10
100
0.01
0.1
1
10
100
V
DS= 10V
Pulsed
T
a=125 C
T
a=75 C
T
a=25 C
T
a=25 C
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT :
I
D[A]
0.01
0.1
1
10
100
00.5
11.5
V
GS=0V
Pulsed
T
a=125 C
T
a=75 C
T
a=25 C
T
a=25 C
Fig.9 Reverse Drain Current
vs. Sourse-Drain Voltage
SOURCE-DRAIN VOLTAGE :
V
SD [V]
0
20
40
60
80
100
05
10
I
D= 25.0A
I
D= 12.5A
T
a=25 C
Pulsed
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
GATE-SOURCE VOLTAGE :
V
GS[V]
1
10
100
1000
10000
0.01
0.1
1
10
100
t
f
t
d(on)
t
d(off)
T
a=25 C
V
DD= 50V
V
GS= 10V
R
G=10Ω
Pulsed
t
r
Fig.11 Switching Characteristics
DRAIN-CURRENT :
I
D[A]
0
2
4
6
8
10
0
20
40
60
80
100
120
140
160
T
a=25 C
V
DD= 50V
I
D= 25A
R
G=10Ω
Pulsed
Fig.12 Dynamic Input Characteristics
TOTAL GATE CHARGE : Qg [nC]
4/6
2011.06 - Rev.A
FRA
2016.06 - Rev.A


Similar Part No. - RSJ250P10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSJ250P10 ROHM-RSJ250P10 Datasheet
1Mb / 7P
   4V Drive Pch MOSFET
RSJ250P10 ROHM-RSJ250P10 Datasheet
560Kb / 7P
   4V Drive Pch MOSFET
logo
Inchange Semiconductor ...
RSJ250P10 ISC-RSJ250P10 Datasheet
383Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Rohm
RSJ250P10TL ROHM-RSJ250P10TL Datasheet
560Kb / 7P
   4V Drive Pch MOSFET
More results

Similar Description - RSJ250P10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com