Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF015N06FRA Datasheet(PDF) 4 Page - Rohm

Part # RSF015N06FRA
Description  4V Drive Nch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSF015N06FRA Datasheet(HTML) 4 Page - Rohm

  RSF015N06FRA Datasheet HTML 1Page - Rohm RSF015N06FRA Datasheet HTML 2Page - Rohm RSF015N06FRA Datasheet HTML 3Page - Rohm RSF015N06FRA Datasheet HTML 4Page - Rohm RSF015N06FRA Datasheet HTML 5Page - Rohm RSF015N06FRA Datasheet HTML 6Page - Rohm RSF015N06FRA Datasheet HTML 7Page - Rohm RSF015N06FRA Datasheet HTML 8Page - Rohm RSF015N06FRA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.rohm.com
© 201 ROHM Co., Ltd. All rights reserved.
Data Sheet
56)1
10
100
1000
10000
0.01
0.1
1
10
V
GS= 4.0V
Pulsed
Ta= 125 C
Ta= 75 C
Ta= 25 C
Ta=
25 C
Fig.7 Static Drain-Source On-State
Resistance vs. Drain Current(
)
DRAIN-CURRENT : I
D[A]
0.1
1
10
0.01
0.1
1
10
V
DS= 10V
Pulsed
Ta=
25 C
Ta=25 C
Ta=75 C
Ta=125 C
Fig.8 Forward Transfer Admittance
vs. Drain Current
DRAIN-CURRENT : I
D[A]
0.01
0.1
1
10
00.5
11.5
V
GS=0V
Pulsed
Ta= 125 C
Ta= 75 C
Ta= 25 C
Ta=
25 C
Fig.9 Source Current
vs. Sourse-Drain Voltage
SOURCE-DRAIN VOLTAGE : V
SD [V]
0
100
200
300
400
500
600
0
5
10
15
20
Ta=25 C
Pulsed
I
D= 0.7A
I
D= 1.5A
Fig.10 Static Drain-Source On-State
Resistance vs. Gate Source Voltage
GATE-SOURCE VOLTAGE : V
GS[V]
1
10
100
1000
0.01
0.1
1
10
t
f
t
d(on)
t
d(off)
Ta=25 C
V
DD= 30V
V
GS=10V
R
G=10
Pulsed
t
r
Fig.11 Switching Characteristics
DRAIN-CURRENT : I
D[A]
0
2
4
6
8
10
012
34
Ta=25 C
V
DD= 30V
I
D= 1.5A
R
G=10
Pulsed
Fig.12 Dynamic Input Characteristics
TOTAL GATE CHARGE : Qg [nC]
4/6
  5HY&
FRA
2016.06 - Rev.C


Similar Part No. - RSF015N06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSF015N06 ROHM-RSF015N06 Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
More results

Similar Description - RSF015N06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com