Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD200N05FRA Datasheet(PDF) 1 Page - Rohm

Part # RSD200N05FRA
Description  4V Drive Nch MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD200N05FRA Datasheet(HTML) 1 Page - Rohm

  RSD200N05FRA Datasheet HTML 1Page - Rohm RSD200N05FRA Datasheet HTML 2Page - Rohm RSD200N05FRA Datasheet HTML 3Page - Rohm RSD200N05FRA Datasheet HTML 4Page - Rohm RSD200N05FRA Datasheet HTML 5Page - Rohm RSD200N05FRA Datasheet HTML 6Page - Rohm RSD200N05FRA Datasheet HTML 7Page - Rohm RSD200N05FRA Datasheet HTML 8Page - Rohm RSD200N05FRA Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
4V Drive Nch MOSFET
RSD200N05
z
zStructure
z Dimensions (Unit : mm)
Silicon N-channel MOSFET
zFeatures
1) Low on-resistance.
2) Fast switching speed.
3) Drive circuits can be simple.
4) Parallel use is easy.
zApplication
Switching
zPackaging specifications
z Inner circuit
Package
Taping
Code
TL
Basic ordering unit (pieces)
2500
RSD200N05
{
z Absolute maximum ratings (Ta = 25qC)
Symbol
Limits
Unit
Drain-source voltage
VDSS
45
V
Gate-source voltage
VGSS
r20
V
Continuous
ID
r20
A
PulsedIDP
r40
A
Continuous
IS
16
A
PulsedISP
40
A
Power dissipation
PD
20
W
Channel temperature
Tch
150
qC
Range of storage temperature
Tstg
55 to 150
qC
*1 Pw 10
Ps, Duty cycle 1%
*2 Tc=25qC
zThermal resistance
Symbol
Limits
Unit
Channel to Case
Rth (ch-c)
6.25
qC / W
* Tc=25qC
Parameter
Type
Source current
(Body Diode)
Drain current
Parameter
*1
*1
*
CPT3
(SC-63)
<SOT-428>
6.5
2.3
(2)
(3)
0.65
(1)
0.75
2.3
0.9
5.1
2.3
0.5
1.0
0.5
*1
*2
(1) Gate
(2) Drain
(3) Source
1 ESD PROTECTION DIODE
2 BODY DIODE
∗2
∗1
(1)
(2)
(3)
1/6
2011.08 - Rev.A
AEC-Q101 Qualified
FRA
FRA
2016.06


Similar Part No. - RSD200N05FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD200N05 ROHM-RSD200N05 Datasheet
616Kb / 7P
   4V Drive Nch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RSD200N05 DOINGTER-RSD200N05 Datasheet
1Mb / 6P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - RSD200N05FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com