Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD175N10FRA Datasheet(PDF) 6 Page - Rohm

Part # RSD175N10FRA
Description  4V Drive Nch MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD175N10FRA Datasheet(HTML) 6 Page - Rohm

Back Button RSD175N10FRA Datasheet HTML 2Page - Rohm RSD175N10FRA Datasheet HTML 3Page - Rohm RSD175N10FRA Datasheet HTML 4Page - Rohm RSD175N10FRA Datasheet HTML 5Page - Rohm RSD175N10FRA Datasheet HTML 6Page - Rohm RSD175N10FRA Datasheet HTML 7Page - Rohm RSD175N10FRA Datasheet HTML 8Page - Rohm RSD175N10FRA Datasheet HTML 9Page - Rohm RSD175N10FRA Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD175N10
 
Measurement circuits
VGS
RG
VDS
D.U.T.
ID
RL
VDD
90%
90%
90%
10%
10%
50%
10%
50%
VGS
Pulse width
VDS
ton
toff
tr
td(on)
tf
td(off)
VG
VGS
Charge
Qg
Qgs
Qgd
VGS
IG(Const.)
VDS
D.U.T.
ID
RL
VDD
Fig.1-1 Switching Time Measurement Circuit
Fig.1-2 Switching Waveforms
Fig.2-1 Gate Charge Measurement Circuit
Fig.2-2 Gate Charge Waveform
6/6
2011.06 - Rev.A


Similar Part No. - RSD175N10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD175N10 ROHM-RSD175N10 Datasheet
1Mb / 7P
   4V Drive Nch MOSFET
logo
SHENZHEN DOINGTER SEMIC...
RSD175N10 DOINGTER-RSD175N10 Datasheet
2Mb / 5P
   N-Channel MOSFET uses advanced SGT technology
More results

Similar Description - RSD175N10FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SP8K33FRA ROHM-SP8K33FRA Datasheet
1Mb / 7P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com