Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSD140P06FRA Datasheet(PDF) 2 Page - Rohm

Part # RSD140P06FRA
Description  4V Drive Pch MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSD140P06FRA Datasheet(HTML) 2 Page - Rohm

  RSD140P06FRA Datasheet HTML 1Page - Rohm RSD140P06FRA Datasheet HTML 2Page - Rohm RSD140P06FRA Datasheet HTML 3Page - Rohm RSD140P06FRA Datasheet HTML 4Page - Rohm RSD140P06FRA Datasheet HTML 5Page - Rohm RSD140P06FRA Datasheet HTML 6Page - Rohm RSD140P06FRA Datasheet HTML 7Page - Rohm RSD140P06FRA Datasheet HTML 8Page - Rohm RSD140P06FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSD140P06FRA
 
Electrical characteristics (T
a = 25°C)
Symbol
Min.
Typ.
Max.
Unit
Gate-source leakage
IGSS
--
10
AV
GS=20V, VDS=0V
Drain-source breakdown voltage V(BR)DSS
60
-
-
V
ID=1mA, VGS=0V
Zero gate voltage drain current
IDSS
--
1
AV
DS=60V, VGS=0V
Gate threshold voltage
VGS (th)
1.0
-
3.0
V
VDS=10V, ID=1mA
-60
84
ID=14A, VGS=10V
-
73
103
ID=14A, VGS=4.5V
-
77
108
ID=-14A, VGS=-4.0V
Forward transfer admittance
l Yfs l10
-
-
S
ID=14A, VDS=10V
Input capacitance
Ciss
-
1900
-
pF
VDS=10V
Output capacitance
Coss
-
200
-
pF
VGS=0V
Reverse transfer capacitance
Crss
-
100
-
pF
f=1MHz
Turn-on delay time
td(on)
-
20
-
ns
ID=7.0A, VDD 30V
Rise time
tr
-
45
-
ns
VGS=10V
Turn-off delay time
td(off)
-
240
-
ns
RL=4.3
Fall time
tf
-
110
-
ns
RG=10
Total gate charge
Qg
-
27
-
nC
VDD 30V
Gate-source charge
Qgs
-
4.5
-
nC
ID=14A,
Gate-drain charge
Qgd
-
5.0
-
nC
VGS=10V
*Pulsed
Body diode characteristics (Source-Drain) (T
a = 25C)
Symbol
Min.
Typ.
Max.
Unit
Forward Voltage
VSD
--
1.2
V
Is=14A, VGS=0V
*Pulsed
Conditions
Conditions
m
Parameter
Parameter
Static drain-source on-state
resistance
RDS (on)
*
*
*
*
*
*
*
*
*
*
2/6
2011.08 - Rev.A


Similar Part No. - RSD140P06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD140P06 ROHM-RSD140P06 Datasheet
1Mb / 7P
   4V Drive Pch MOSFET
More results

Similar Description - RSD140P06FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
QS8J5 ROHM-QS8J5 Datasheet
285Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65_11 Datasheet
200Kb / 6P
   4V Drive PchPch MOSFET
SH8J62 ROHM-SH8J62 Datasheet
185Kb / 6P
   4V Drive PchPch MOSFET
QS8J4 ROHM-QS8J4 Datasheet
345Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J62TB1 ROHM-SH8J62TB1 Datasheet
140Kb / 6P
   4V Drive Pch Pch MOSFET
SH8J65 ROHM-SH8J65 Datasheet
233Kb / 6P
   4V Drive PchPch MOSFET
SH8J66 ROHM-SH8J66 Datasheet
206Kb / 6P
   4V Drive PchPch MOSFET
RSJ250P10FRA ROHM-RSJ250P10FRA Datasheet
482Kb / 9P
   4V Drive Pch MOSFET
RRH075P03 ROHM-RRH075P03 Datasheet
209Kb / 6P
   4V Drive Pch MOSFET
TT8J2 ROHM-TT8J2_09 Datasheet
216Kb / 6P
   4V Drive Pch MOSFET
UM6J1N ROHM-UM6J1N_09 Datasheet
168Kb / 4P
   4V Drive Pch MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com