Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRS140P03FRA Datasheet(PDF) 11 Page - Rohm

Part # RRS140P03FRA
Description  Pch -30V -14A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRS140P03FRA Datasheet(HTML) 11 Page - Rohm

Back Button RRS140P03FRA Datasheet HTML 6Page - Rohm RRS140P03FRA Datasheet HTML 7Page - Rohm RRS140P03FRA Datasheet HTML 8Page - Rohm RRS140P03FRA Datasheet HTML 9Page - Rohm RRS140P03FRA Datasheet HTML 10Page - Rohm RRS140P03FRA Datasheet HTML 11Page - Rohm RRS140P03FRA Datasheet HTML 12Page - Rohm RRS140P03FRA Datasheet HTML 13Page - Rohm RRS140P03FRA Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
RRS140P03FRA
 
   
   
   
   
   
               
Datasheet
l
lDimensions
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
11/11
20160829 - Rev.001


Similar Part No. - RRS140P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRS140P03HZG ROHM-RRS140P03HZG Datasheet
2Mb / 14P
   Pch -30V -14A Power MOSFET
More results

Similar Description - RRS140P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH140P03 ROHM-RRH140P03_12 Datasheet
640Kb / 12P
   Pch -30V -14A Power MOSFET
RRS140P03HZG ROHM-RRS140P03HZG Datasheet
2Mb / 14P
   Pch -30V -14A Power MOSFET
RD3L140SP ROHM-RD3L140SP Datasheet
2Mb / 16P
   Pch -60V -14A Power MOSFET
RD3L140SPFRA ROHM-RD3L140SPFRA Datasheet
2Mb / 15P
   Pch -60V -14A Power MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com