Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7544M Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN7544M
Description  Simple Ballast Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7544M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN7544M Datasheet HTML 1Page - Fairchild Semiconductor FAN7544M Datasheet HTML 2Page - Fairchild Semiconductor FAN7544M Datasheet HTML 3Page - Fairchild Semiconductor FAN7544M Datasheet HTML 4Page - Fairchild Semiconductor FAN7544M Datasheet HTML 5Page - Fairchild Semiconductor FAN7544M Datasheet HTML 6Page - Fairchild Semiconductor FAN7544M Datasheet HTML 7Page - Fairchild Semiconductor FAN7544M Datasheet HTML 8Page - Fairchild Semiconductor FAN7544M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FAN7544
3
Absolute Maximum Ratings
Temperature Characteristics (-25
°C ≤ Ta ≤ 125°C)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
30
V
Peak Drive Output Current
IOH, IOL
±600
mA
Output Drive Clamping Diode Current
Iclamp
±10
mA
CPH, CT, RT, and RPH Pins Input Voltage
VIN
-0.3 to 6
V
Operating Temperature Range
Topr
-25 to 125
°C
Storage Temperature Range
Tstg
-65 to 150
°C
Power Dissipation
8-DIP
Pd
0.8
W
8-SOP
0.5
Thermal Resistance (Junction-to-Air)
8-DIP
R
θja
100
°C/W
8-SOP
165
Parameter
Symbol
Value
Unit
Temperature Stability for Operating Frequency (fos)
∆fos(Typ)
3
%


Similar Part No. - FAN7544M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7547A FAIRCHILD-FAN7547A Datasheet
354Kb / 9P
   LCD Backlight Inverter Drive IC
FAN7547AM FAIRCHILD-FAN7547AM Datasheet
354Kb / 9P
   LCD Backlight Inverter Drive IC
FAN7547AMXC FAIRCHILD-FAN7547AMXC Datasheet
354Kb / 9P
   LCD Backlight Inverter Drive IC
FAN7548 FAIRCHILD-FAN7548 Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
FAN7548G FAIRCHILD-FAN7548G Datasheet
1Mb / 12P
   Dual LCD Back Light Inverter Drive IC
More results

Similar Description - FAN7544M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com