Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRS050P03FRA Datasheet(PDF) 7 Page - Rohm

Part # RRS050P03FRA
Description  Pch -30V -5A Middle Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRS050P03FRA Datasheet(HTML) 7 Page - Rohm

Back Button RRS050P03FRA Datasheet HTML 3Page - Rohm RRS050P03FRA Datasheet HTML 4Page - Rohm RRS050P03FRA Datasheet HTML 5Page - Rohm RRS050P03FRA Datasheet HTML 6Page - Rohm RRS050P03FRA Datasheet HTML 7Page - Rohm RRS050P03FRA Datasheet HTML 8Page - Rohm RRS050P03FRA Datasheet HTML 9Page - Rohm RRS050P03FRA Datasheet HTML 10Page - Rohm RRS050P03FRA Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
RRS050P03FRA
           
               
Datasheet
l
lElectrical characteristic curves
Fig.12 Static Drain - Source On - State
   Resistance vs. Gate Source Voltage
Fig.13 Static Drain - Source On - State
   Resistance vs. Junction Temperature
Fig.14 Static Drain - Source On - State
     Resistance vs. Drain Current (I)
                                                                                           
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
7/11
20160707 - Rev.001


Similar Part No. - RRS050P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRS050P03HZG ROHM-RRS050P03HZG Datasheet
2Mb / 14P
   Pch -30V -5A Power MOSFET
More results

Similar Description - RRS050P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
RQ6C050BC ROHM-RQ6C050BC Datasheet
2Mb / 14P
   Pch -20V -5A Middle Power MOSFET
RQ6E060AT ROHM-RQ6E060AT Datasheet
2Mb / 14P
   Pch -30V -6A Middle Power MOSFET
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
   Pch -30V -2.5A Middle Power MOSFET
UT6MA2 ROHM-UT6MA2 Datasheet
4Mb / 22P
   30V NchPch Middle Power MOSFET
HP8MA2 ROHM-HP8MA2 Datasheet
4Mb / 22P
   30V NchPch Middle Power MOSFET
RQ3E075AT ROHM-RQ3E075AT Datasheet
2Mb / 13P
   Pch -30V -18A Middle Power MOSFET
RQ6E050AT ROHM-RQ6E050AT Datasheet
2Mb / 15P
   Pch -30V -5A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com