Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RRR040P03FRA Datasheet(PDF) 9 Page - Rohm

Part No. RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RRR040P03FRA Datasheet(HTML) 9 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
zElectrical characteristic curves
Fig.18 Typical Capacitance
vs. Drain - Source Voltage
Drain - Source Voltage : -V
DS [V]
Fig.20 Dynamic Input Characteristics
Total Gate Charge : Q
g [nC]
Fig.19 Switching Characteristics
Drain Current : -I
D [A]
Fig.21 Source Current
vs. Source Drain Voltage
Source-Drain Voltage : -V
SD [V]
10
100
1000
10000
0.01
0.1
1
10
100
T
a=25ºC
f=1MHz
V
GS=0V
Ciss
Coss
Crss
1
10
100
1000
10000
0.01
0.1
1
10
T
a=25ºC
V
DD= 15V
V
GS= 10V
R
G=10Ω
Pulsed
t
f
t
d(on)
t
d(off)
t
r
0
2
4
6
8
05
10
15
T
a=25ºC
V
DD= 15V
I
D= 4.0A
R
G=10Ω
Pulsed
0.01
0.1
1
10
0
0.5
1
1.5
V
GS=0V
Pulsed
T
a=125ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
9/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn