Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RRR040P03FRA Datasheet(PDF) 8 Page - Rohm

Part # RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RRR040P03FRA Datasheet(HTML) 8 Page - Rohm

Back Button RRR040P03FRA Datasheet HTML 4Page - Rohm RRR040P03FRA Datasheet HTML 5Page - Rohm RRR040P03FRA Datasheet HTML 6Page - Rohm RRR040P03FRA Datasheet HTML 7Page - Rohm RRR040P03FRA Datasheet HTML 8Page - Rohm RRR040P03FRA Datasheet HTML 9Page - Rohm RRR040P03FRA Datasheet HTML 10Page - Rohm RRR040P03FRA Datasheet HTML 11Page - Rohm RRR040P03FRA Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
zElectrical characteristic curves
Fig.16 Static Drain - Source On - State
Resistance vs. Drain Current(III)
Drain Current : -I
D [A]
Fig.15 Static Drain - Source On - State
Resistance vs. Drain Current(II)
Drain Current : -I
D [A]
Fig.17 Static Drain - Source On - State
Resistance vs. Drain Current(IV)
Drain Current : -I
D [A]
10
100
1000
0.1
1
10
V
GS= 10V
Pulsed
T
a=125ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
10
100
1000
0.1
1
10
V
GS= 4.5V
Pulsed
T
a=125ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
10
100
1000
0.1
1
10
V
GS= 4.0V
Pulsed
T
a=125ºC
T
a=75ºC
T
a=25ºC
T
a= 25ºC
8/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Similar Part No. - RRR040P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRR040P03 ROHM-RRR040P03 Datasheet
301Kb / 6P
   4V Drive Pch MOSFET
RRR040P03 ROHM-RRR040P03 Datasheet
155Kb / 6P
   4V Drive Pch MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RRR040P03TL ROHM-RRR040P03TL Datasheet
155Kb / 6P
   4V Drive Pch MOSFET
logo
VBsemi Electronics Co.,...
RRR040P03TL VBSEMI-RRR040P03TL Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - RRR040P03FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RRH040P03TB1 ROHM-RRH040P03TB1 Datasheet
561Kb / 12P
   Pch -30V -4A Power MOSFET
RRR040P03HZG ROHM-RRR040P03HZG Datasheet
2Mb / 15P
   Pch -30V -4A Small Signal MOSFET
RQ5E040RP ROHM-RQ5E040RP Datasheet
1Mb / 14P
   Pch -30V -4A Small Signal MOSFET
20170613 - Rev.002
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
RF4L040AT ROHM-RF4L040AT Datasheet
2Mb / 14P
   Pch -60V -4A Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com