Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RRR040P03FRA Datasheet(PDF) 7 Page - Rohm

Part No. RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RRR040P03FRA Datasheet(HTML) 7 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
zElectrical characteristic curves
Fig.11 Drain CurrentDerating Curve
Junction Temperature : T
j [ºC]
Fig.13 Static Drain - Source On - State
Resistance vs. Drain Current(I)
Junction Temperature : T
j [ºC]
Fig.14 Static Drain - Source On - State
Resistance vs. J
unction Temperature
Drain Current : -I
D [A]
Fig.12 Static Drain - Source On - State
Resistance vs. Gate Source Voltage
Gate - Source Voltage : -V
GS [V]
0
50
100
150
05
10
15
T
a=25ºC
Pulsed
I
D= 4.0A
I
D= 2.0A
10
100
1000
0.1
1
10
T
a=25ºC
Pulsed
V
GS= 4.0V
V
GS= 4.5V
V
GS= 10V
0
0.2
0.4
0.6
0.8
1
1.2
-25
0
25
50
75
100
125
150
0
10
20
30
40
50
-50
-25
0
25
50
75
100 125 150
V
GS= 10V
I
D= 4.0A
pulsed
7/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn