Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RRR040P03FRA Datasheet(PDF) 6 Page - Rohm

Part No. RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RRR040P03FRA Datasheet(HTML) 6 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
zElectrical characteristic curves
0
20
40
60
-50
0
50
100
150
V
GS= 0V
I
D= 1mA
pulsed
0
1
2
3
-50
050
100
150
V
DS= 10V
I
D= 1mA
pulsed
Fig.7 Breakdown Voltage
vs. Junction Temperature
Junction Temperature : T
j [ C]
Fig.8 Typical Transfer Characteristics
Gate - Source Voltage : -V
GS [V]
Fig.9 Gate Threshold Voltage
vs. Junction Temperature
Junction Temperature : T
j [ C]
Fig.10 Transconductance vs. Drain Current
Drain Current : -I
D [A]
0.001
0.01
0.1
1
10
100
0123
4
V
DS= 10V
Pulsed
T
a= 125ºC
T
a= 75ºC
T
a= 25ºC
T
a=  25ºC
0.1
1
10
0.01
0.1
1
10
V
DS= 10V
Pulsed
T
a= 25ºC
T
a=25ºC
T
a=75ºC
T
a=125ºC
6/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn