Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RRR040P03FRA Datasheet(PDF) 5 Page - Rohm

Part No. RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

RRR040P03FRA Datasheet(HTML) 5 Page - Rohm

  RRR040P03FRA Datasheet HTML 1Page - Rohm RRR040P03FRA Datasheet HTML 2Page - Rohm RRR040P03FRA Datasheet HTML 3Page - Rohm RRR040P03FRA Datasheet HTML 4Page - Rohm RRR040P03FRA Datasheet HTML 5Page - Rohm RRR040P03FRA Datasheet HTML 6Page - Rohm RRR040P03FRA Datasheet HTML 7Page - Rohm RRR040P03FRA Datasheet HTML 8Page - Rohm RRR040P03FRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
zElectrical characteristic curves
Fig.5 Typical Output Characteristics(I)
Drain - Source Voltage : -V
DS [V]
Fig.6 Typical Output Characteristics(II)
Drain - Source Voltage : -V
DS [V]
0
1
2
3
4
0
0.2
0.4
0.6
0.8
1
V
GS= 2.5V
T
a=25ºC
Pulsed
V
GS= 10V
V
GS= 4.5V
V
GS= 4.0V
V
GS= 2.8V
0
1
2
3
4
02468
10
V
GS=-2.5V
T
a=25ºC
Pulsed
V
GS= 2.5V
V
GS= 2.8V
V
GS= 10V
V
GS= 4.5V
V
GS=4.0V
V
GS=3.0V
5/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn