Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RRR040P03FRA Datasheet(PDF) 3 Page - Rohm

Part No. RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RRR040P03FRA Datasheet(HTML) 3 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RRR040P03
*5 Pulsed
zElectrical characteristics (T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
pF
Output capacitance
Coss
VDS =
10V
-
150
-
Reverse transfer capacitance
Crss
f = 1MHz
Input capacitance
Ciss
VGS = 0V
-
1000
-
-
130
-
Unit
Min.
Typ.
Max.
Turn - on delay time
td(on)
*5
VDD
15V, V
GS =
10V
-
15
-
ns
Rise time
tr
*5
ID =
2A
-
30
-
Turn - off delay time
td(off)
*5
RL = 7.5
:
-
85
-
Fall time
VDD
15V, I
D =
4A
VGS =
10V
VDD
15V, I
D =
4A
VGS =
5V
-
10.5
-
Total gate charge
Qg
*5
-
zGate Charge characteristics (T
a = 25°C)
Parameter
Symbol
Conditions
Values
tf
*5
RG = 10
:
-
45
Max.
-
3.0
-
Gate - Drain charge
Qgd
*5
-
3.3
-
zBody diode electrical characteristics (Source-Drain)(T
a = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
nC
VDD
15V, I
D =
4A
VGS =
10V
-
20
40
Gate - Source charge
Qgs
*5
A
Forward voltage
VSD
*5
VGS = 0V, Is =
4A
-
-
1.2
V
Inverse diode continuous,
forward current
IS
*1
Ta = 25°C
-
-
0.8
3/11
2012.05 - Rev.B
FRA
2016.06 - Rev.B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn