Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RRR040P03FRA Datasheet(PDF) 1 Page - Rohm

Part No. RRR040P03FRA
Description  Pch -30V -4A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RRR040P03FRA Datasheet(HTML) 1 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Datasheet
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
RRR040P03
Pch -30V -4A Power MOSFET
zOutline
VDSS
30V
RDS(on) (Max.)
45m
:
ID
4A
PD
1W
zFeatures
zInner circuit
1) Low on - resistance.
2) Built-in G-S Protection Diode.
3) Small Surface Mount Package (TSMT3).
4) Pb-free lead plating ; RoHS compliant
zPackaging specifications
Type
Packaging
Taping
zApplication
Reel size (mm)
180
DC/DC converters
Tape width (mm)
8
Basic ordering unit (pcs)
3,000
Drain - Source voltage
VDSS
30
V
Taping code
TL
Marking
UG
zAbsolute maximum ratings (T
a = 25°C)
Parameter
Symbol
Value
Unit
Continuous drain current
ID
*1
r4
A
Pulsed drain current
ID,pulse
*2
r16
A
Power dissipation
Gate - Source voltage
VGSS
r20
V
PD
*3
1.0
W
PD
*4
0.54
W
Junction temperature
Tj
150
°C
Range of storage temperature
Tstg
55 to 150
°C
(1)
(2)
(3)
TSMT3
(1) Gate
(2) Source
(3) Drain
∗1 ESD PROTECTION DIODE
∗2 BODY DIODE
1/11
2012.05 - Rev.B
2016.06 - Rev.B
FRA
5) AEC-Q101 Qualified


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn