Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQ1E070RPFRA Datasheet(PDF) 4 Page - Rohm

Part # RQ1E070RPFRA
Description  Pch -30V -7A Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RQ1E070RPFRA Datasheet(HTML) 4 Page - Rohm

  RQ1E070RPFRA Datasheet HTML 1Page - Rohm RQ1E070RPFRA Datasheet HTML 2Page - Rohm RQ1E070RPFRA Datasheet HTML 3Page - Rohm RQ1E070RPFRA Datasheet HTML 4Page - Rohm RQ1E070RPFRA Datasheet HTML 5Page - Rohm RQ1E070RPFRA Datasheet HTML 6Page - Rohm RQ1E070RPFRA Datasheet HTML 7Page - Rohm RQ1E070RPFRA Datasheet HTML 8Page - Rohm RQ1E070RPFRA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
RQ1E070RP
z
zElectrical characteristic curves










7D ž&
6LQJOH 3XOVH









3: V
3: PV
3: PV
'& 2SHUDWLRQ
7D ž&
6LQJOH 3XOVH
0RXQWHG RQ D FHUDPLF ERDUG
PP
PP
PP
2SHUDWLRQ LQ WKLV DUHD
LV OLPLWHG E\ 5'6 RQ
9*6 9











)LJ 3RZHU 'LVVLSDWLRQ'HUDWLQJ &XUYH
-XQFWLRQ 7HPSHUDWXUH7M > &@
)LJ 0D[LPXP 6DIH 2SHUDWLQJ $UHD
'UDLQ 6RXUFH 9ROWDJH 9'6 >9@
)LJ 1RUPDOL]HG7UDQVLHQW 7KHUPDO
5HVLVWDQFH YV3XOVH :LGWK
3XOVH:LGWK 3: >V@
)LJ 6LQJOH3XOVH 0D[LPXP 3RZHU GLVVLSDWLRQ
3XOVH:LGWK 3: >V@









7D ž&
6LQJOH 3XOVH
5WK FKD ž&:
5WK FKD W U W 5WK FKD
0RXQWHG RQ FHUDPLF ERDUG
PP
PP
PP
WRS
' 
' 
' 
' 
' 
ERWWRP 6LJQOH

2012.11 - Rev.C
FRA
2016.06 - Rev.C


Similar Part No. - RQ1E070RPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RP ROHM-RQ1E070RP Datasheet
351Kb / 6P
   4V Drive Pch MOSFET
RQ1E070RP ROHM-RQ1E070RP Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
RQ1E070RPTR ROHM-RQ1E070RPTR Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
More results

Similar Description - RQ1E070RPFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ1E070RPTR ROHM-RQ1E070RPTR Datasheet
671Kb / 12P
   Pch -30V -7A Power MOSFET
RQ1E070RPHZG ROHM-RQ1E070RPHZG Datasheet
2Mb / 15P
   Pch -30V -7A Small Signal MOSFET
SP8J66FRA ROHM-SP8J66FRA Datasheet
2Mb / 15P
   -30V Pch Pch Power MOSFET
RSS070P05FRA ROHM-RSS070P05FRA Datasheet
2Mb / 14P
   Pch -45V -7A Power MOSFET
RS3P070AT ROHM-RS3P070AT Datasheet
2Mb / 14P
   Pch -100V -7A Power MOSFET
20221229 - Rev.002
TT8J2TR ROHM-TT8J2TR Datasheet
2Mb / 12P
   -30V Pch Pch Middle Power MOSFET
TT8J3 ROHM-TT8J3 Datasheet
2Mb / 13P
   -30V PchPch Middle Power MOSFET
UT6JA2 ROHM-UT6JA2 Datasheet
2Mb / 14P
   -30V PchPch Middle Power MOSFET
RRL035P03FRA ROHM-RRL035P03FRA Datasheet
783Kb / 14P
   Pch -30V -3.5A Power MOSFET
RRS100P03FRA ROHM-RRS100P03FRA Datasheet
2Mb / 15P
   Pch -30V -10A Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com