Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2012 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FAN2012
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2012 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FAN2012 Datasheet HTML 1Page - Fairchild Semiconductor FAN2012 Datasheet HTML 2Page - Fairchild Semiconductor FAN2012 Datasheet HTML 3Page - Fairchild Semiconductor FAN2012 Datasheet HTML 4Page - Fairchild Semiconductor FAN2012 Datasheet HTML 5Page - Fairchild Semiconductor FAN2012 Datasheet HTML 6Page - Fairchild Semiconductor FAN2012 Datasheet HTML 7Page - Fairchild Semiconductor FAN2012 Datasheet HTML 8Page - Fairchild Semiconductor FAN2012 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FAN2011/FAN2012 Rev. 1.0.2
1
www.fairchildsemi.com
November 2004
FAN2011/FAN2012
1.5A Low Voltage Current Mode Synchronous PWM Buck
Regulator
Features
I 95% Efficiency, Synchronous Operation
I Adjustable Output Voltage from 0.8V to VIN
I 4.5V to 5.5V Input Voltage Range
I Up to 1.5A Output Current
I Fixed Frequency 1.3 MHz PWM Operation
I 100% Duty Cycle Low Dropout Operation
I Soft Start
I Excellent Load Transient Response
I 3x3mm 6-lead MLP Package
Applications
I Hard Disk Drive
I Set Top Box
I Point of Load Power
I Notebook Computers
I Communications Equipment
Description
The FAN2011/FAN2012 is a high-efficiency, low-noise synchro-
nous PWM current mode DC-DC converter, designed for low
voltage applications. It provides up to 1.5A continuous load cur-
rent from the 4.5V to 5.5V input. The output voltage is adjust-
able over a wide range of 0.8V to VIN by means of an external
voltage divider.
The FAN2011 is always on, while the FAN2012 has an “Enable
Input,” and the device can be put in the shutdown mode, in
which the ground current falls below 1µA.
A current mode control loop with a fast transient response
ensures excellent line and load regulation. The fixed 1.3MHz
switching frequency enables the user to choose a small, inex-
pensive external inductor and capacitor. Filtering is also easily
accomplished with very small components.
Protection features include input under-voltage lockout, short
circuit protection and thermal shutdown. Soft-start limits in-rush
current during start-up conditions.
The device is available in a 3x3mm 6-lead MLP package, mak-
ing it possible to build a 1.5A complete DC/DC converter in a
tiny space on the PCB.
Typical Application
Figure 1. Typical Application
FAN2011
FAN2012
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
NC
P1
(AGND)
L1
R2
R1
+5V
VOUT
4 x 10
µF
3.3
µH
10
µF
10K
1
2
3
6
5
4
FB
PGND
SW
PVIN
VIN
EN
P1
(AGND)
L1
R2
R1
+5V
VOUT
4 x 10
µF
3.3
µH
10
µF
10K


Similar Part No. - FAN2012

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2012 FAIRCHILD-FAN2012 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012 FAIRCHILD-FAN2012 Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2012I FAIRCHILD-FAN2012I Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
More results

Similar Description - FAN2012

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013B FAIRCHILD-FAN2013B Datasheet
827Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC2179 MICREL-MIC2179 Datasheet
131Kb / 16P
   1.5A Synchronous Buck Regulator
MIC2179 MICREL-MIC2179_09 Datasheet
375Kb / 13P
   1.5A Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8009A RENESAS-ISL8009A Datasheet
1,019Kb / 13P
   1.5A Low Quiescent Current 1.6MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com