Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3802K33DCKR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3802K33DCKR
Description  ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3802K33DCKR Datasheet(HTML) 2 Page - Texas Instruments

  TPS3802K33DCKR Datasheet HTML 1Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 2Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 3Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 4Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 5Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 6Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 7Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 8Page - Texas Instruments TPS3802K33DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TPS3800-xx
TPS3801-xx
TPS3802-xx
SLVS219E – AUGUST 1999 – REVISED OCTOBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OPTIONS(1)
TA
DEVICE NAME
THRESHOLD VOLTAGE
TYP DELAY TIME
MARKING
TPS3801-01DCK
Adjustable (Vref = 1.14 V)
200 ms
ARF
TPS3801E18DCK
1.71 V
200 ms
ARE
TPS3801J25DCK
2.25 V
200 ms
NJA
TPS3800G27DCK
2.5 V
95 ms
ARI
TPS3801L30DCK
2.64 V
200 ms
NPA
–40°C to 85°C
TPS3801K33DCK
2.93 V
200 ms
NWA
TPS3802L30DCK
2.64 V
380 ms
ASA
TPS3802K33DCK
2.93 V
380 ms
ARK
TPS3801T50DCK
4.00 V
25 ms
AVI
TPS3801I50DCK
4.55 V
200 ms
NSA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this data sheet, or refer to our
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Over operating free-air temperature range (unless otherwise noted).
UNIT
Supply voltage, VDD
7 V
SENSE
–0.3 V to 5 V
All other pins
–0.3 V to 7 V
MR
–0.3 V to VDD + 0.3 V
RESET
–0.3 V to VDD + 0.3 V
Maximum low-output current, IOL
5 mA
Maximum high-output current, IOH
–5 mA
Input-clamp current, IIK (VI < 0 or VI > VDD)
±20 mA
Output-clamp current, IOK (VO < 0 or VO > VDD)
±20 mA
Operating junction temperature range, TJ
(3)
–40°C to +85°C
Storage temperature range, Tstg
–65°C to +150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device should not be operated at 7 V for more than t = 1000h
continuously.
(3)
Due to the low dissipation power of this device, it is assumed that TJ = TA.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
TPS3801J25, TPS3801L30, TPS3801K33, TPS3801I50, TPS3801T50
2
6
Supply voltage, VDD
V
All other devices
1.6
4
SENSE
0
See (1)
V
Input voltage, VI
0
VDD +0.3
V
High-level input voltage, VIH
0.7 × VDD
VDD +0.3
V
Low-level input voltage, VIL
0.3 × VDD
V
Input transition rise and fall rate at MR,
Δt/ΔV
100
ns/V
VPull-up
Pull-up resistor value, RESET
Ω
50µA
Operating free-air temperature range, TA
–40
+85
°C
(1)
Maximum = VDD + 0.3 or 4.5 V, whichever is greater.
2
Submit Documentation Feedback
Copyright © 1999–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS3800-xx TPS3801-xx TPS3802-xx


Similar Part No. - TPS3802K33DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3802K33DCKR TI-TPS3802K33DCKR Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3802K33DCKR TI1-TPS3802K33DCKR Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3802K33DCKRG4 TI-TPS3802K33DCKRG4 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TPS3802K33DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3801-01 TI-TPS3801-01 Datasheet
218Kb / 11P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3801J25 TI-TPS3801J25 Datasheet
126Kb / 9P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TPS3800-XX TI1-TPS3800-XX_17 Datasheet
794Kb / 16P
[Old version datasheet]   ULTRA-SMALL SUPPLY VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_06 Datasheet
388Kb / 18P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7759 TI-TL7759_06 Datasheet
257Kb / 12P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7733B TI-TL7733B Datasheet
333Kb / 9P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A Datasheet
140Kb / 10P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B Datasheet
159Kb / 11P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702A TI-TL7702A_10 Datasheet
552Kb / 21P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
TL7702B TI-TL7702B_08 Datasheet
577Kb / 20P
[Old version datasheet]   SUPPLY-VOLTAGE SUPERVISORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com