Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3806I33-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806I33-Q1
Description  Dual Voltage Detector with Adjustable Hysteresis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3806I33-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS3806I33-Q1 Datasheet HTML 1Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 2Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 3Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 4Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 5Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 6Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 7Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 8Page - Texas Instruments TPS3806I33-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
_
+
_
+
R1
R2
Reference
Voltage of
1.207 V
RSTSENSE
RESET
LSENSE
HSENSE
VDD
GND
TPS3806
Detailed Description
Operation
Programming the Threshold Voltage Levels
V
(LSENSE) +
V
ref
R1 ) R2 ) R3
R2 ) R3
(1)
V
(HSENSE) +
V
ref
R1 ) R2 ) R3
R3
(2)
TPS3806J20
TPS3806I33
SLVS393A – JULY 2001 – REVISED NOVEMBER 2004
FUNCTIONAL BLOCK DIAGRAM
The TPS3806 is used for monitoring battery voltage and asserting RESET when a battery gets discharged below
a certain threshold voltage. The battery voltage is monitored by a comparator via an external resistor divider.
When the voltage at the LSENSE input drops below the internal reference voltage the RSTSENSE output pulls
low. The output remains low until the battery is replaced, or recharged above a second higher trip-point, set at
HSENSE. A second voltage can be monitored at VDD. The independent RESET output pulls low when the
voltage at VDD drops below the fixed threshold voltage. Because the TPS3806 outputs are open-drain MOSFETs,
most applications may require a pull-up resistor.
The low-voltage threshold at LSENSE is calculated according to Equation 1:
where Vref = 1.207 V
The high-voltage threshold at HSENSE is calculated as shown in Equation 2:
where Vref = 1.207 V
To minimize battery current draw it is recommended to use 1-M
Ω as the total resistor value R
(tot), with
R(tot) = R1 + R2 + R3.
5


Similar Part No. - TPS3806I33-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
More results

Similar Description - TPS3806I33-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com