Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3806I33DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3806I33DBVT
Description  Dual Voltage Detector with Adjustable Hysteresis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3806I33DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TPS3806I33DBVT Datasheet HTML 1Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 2Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 3Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 4Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 5Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 6Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 7Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 8Page - Texas Instruments TPS3806I33DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
TPS380
6
I
33
DBV R
Reel
Package
Nominal Supply Voltage
Nominal Threshold Voltage
Functionality
Family
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
TPS3806J20
TPS3806I33
SLVS393A – JULY 2001 – REVISED NOVEMBER 2004
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
THRESHOLD VOLTAGE
TA
DEVICE NAME
MARKING
VDD
SENSE
TPS3806J20DBVR(2)
TPS3806J20DBVT(3)
1.8 V
1.207 V
PGQI
-40
°C to +85°C
TPS3806I33DBVR(2)
TPS3806I33DBVT(3)
3 V
1.207 V
PGPI
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet or refer
to our web site at www.ti.com.
(2)
The DBVR passive indicates tape and reel containing 3000 parts.
(3)
The DBVT passive indicates tape and reel containing 250 parts.
over operating free-air temperature range (unless otherwise noted)(1)
TPS3806J20, TPS3806I33
UNIT
Supply voltage, VDD(2)
7
V
All other pins(2)
-0.3 to 7
V
Maximum low-output current, IOL
5
mA
Maximum high-output current, IOH
-5
mA
Input clamp current, IIK (VI < 0 or VI > VDD)
±10
mA
Output clamp current, IOK (VO < 0 or VO > VDD)
±10
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range, TA
-40 to +85
°C
Storage temperature range, Tstg
-65 to +150
°C
Soldering temperature
+260
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND. For reliable operation, the device must not be continuously operated at 7 V for more than
t = 1000 h.
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
TA < 25°C
ABOVE TA = 25°C
POWER RATING
POWER RATING
DBV
437 mW
3.5 mW/
°C
280 mW
227 mW
2


Similar Part No. - TPS3806I33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33DBVT TI-TPS3806I33DBVT Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806I33DBVT TI1-TPS3806I33DBVT Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
TPS3806I33DBVTG4 TI1-TPS3806I33DBVTG4 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
More results

Similar Description - TPS3806I33DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3806I33-Q1 TI1-TPS3806I33-Q1 Datasheet
790Kb / 15P
[Old version datasheet]   Dual Voltage Detector With Adjustable Hysteresis
TPS3806J20 TI-TPS3806J20 Datasheet
169Kb / 9P
[Old version datasheet]   DUAL VOLTAGE DETECTOR WITH ADJUSTABLE HYSTERESIS
TPS3806J20 TI1-TPS3806J20_15 Datasheet
588Kb / 14P
[Old version datasheet]   Dual Voltage Detector with Adjustable Hysteresis
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779_06 Datasheet
148Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778_05 Datasheet
169Kb / 6P
   Voltage Monitor with Adjustable Hysteresis
MIC2778 MICREL-MIC2778 Datasheet
65Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Maxim Integrated Produc...
MAX9601EVKIT MAXIM-MAX9601EVKIT Datasheet
2Mb / 6P
   Adjustable Hysteresis
Rev 0; 12/09
logo
Micrel Semiconductor
MIC2779 MICREL-MIC2779 Datasheet
52Kb / 8P
   Voltage Monitor with Adjustable Hysteresis Preliminary Information
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
Diodes Incorporated
PT7M6518 DIODES-PT7M6518 Datasheet
998Kb / 9P
   Voltage Detector with Adjustable Delay Time
5/10/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com