Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFH120-08 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # CFH120-08
Description  Preliminary Datasheet
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CFH120-08 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button CFH120-08 Datasheet HTML 7Page - Infineon Technologies AG CFH120-08 Datasheet HTML 8Page - Infineon Technologies AG CFH120-08 Datasheet HTML 9Page - Infineon Technologies AG CFH120-08 Datasheet HTML 10Page - Infineon Technologies AG CFH120-08 Datasheet HTML 11Page - Infineon Technologies AG CFH120-08 Datasheet HTML 12Page - Infineon Technologies AG CFH120-08 Datasheet HTML 13Page - Infineon Technologies AG CFH120-08 Datasheet HTML 14Page - Infineon Technologies AG CFH120-08 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
GaAs HEMT
CFH120
________________________________________________________________________________________________________
Infineon Technologies AG
page 11/20
Wireless Solutions
Rev. 3.0/January 11
th, 2002
WS TI DS 12
Typical Measured Data CFH120-08
Common Source S – Parameters (VDD=2V, ID=5mA, Z0=50
Ω)
Freq
[GHz]
Mag
Phase
Mag
Phase
Mag
Phase
Mag
Phase
1.0
0.984
-19.7
3.859
161.1
0.029
75.6
0.719
-14.5
1.5
0.974
-25.8
3.845
155.1
0.037
69.2
0.711
-19.6
2.0
0.962
-34.6
3.836
146.7
0.048
62.1
0.699
-26.9
2.5
0.949
-43.4
3.836
138.5
0.060
55.8
0.683
-34.3
3.0
0.934
-52.3
3.825
130.2
0.070
49.1
0.663
-41.4
3.5
0.923
-61.5
3.829
121.5
0.081
42.6
0.642
-48.6
4.0
0.904
-70.9
3.817
113.0
0.091
35.9
0.619
-55.7
4.5
0.883
-80.0
3.773
104.5
0.100
29.3
0.595
-63.1
5.0
0.858
-88.7
3.747
96.2
0.109
22.2
0.570
-71.1
5.5
0.833
-97.8
3.740
88.0
0.117
15.8
0.539
-79.0
6.0
0.807
-107.5
3.742
79.4
0.124
9.3
0.504
-87.4
6.5
0.777
-118.1
3.725
70.6
0.131
2.7
0.466
-96.5
7.0
0.746
-129.5
3.663
61.4
0.136
-4.4
0.430
-106.6
7.5
0.715
-141.2
3.572
52.2
0.139
-11.5
0.396
-117.4
8.0
0.691
-152.2
3.489
43.4
0.142
-18.4
0.362
-128.9
8.5
0.670
-163.4
3.418
34.7
0.142
-25.2
0.332
-140.8
9.0
0.651
-174.9
3.356
25.7
0.142
-31.7
0.306
-153.4
9.5
0.632
173.1
3.271
16.8
0.140
-37.8
0.285
-167.1
10.0
0.615
161.2
3.158
8.2
0.138
-43.9
0.272
177.7
10.5
0.605
149.3
3.030
-0.1
0.136
-49.9
0.269
162.2
11.0
0.604
138.0
2.914
-8.5
0.132
-55.7
0.271
146.3
11.5
0.611
127.2
2.810
-16.9
0.125
-61.1
0.283
132.0
12.0
0.620
117.1
2.686
-25.2
0.119
-65.9
0.304
119.8
12.5
0.628
108.4
2.541
-33.0
0.114
-69.9
0.332
111.1
13.0
0.629
100.8
2.403
-39.9
0.109
-73.3
0.358
104.2
13.5
0.630
94.1
2.296
-46.4
0.104
-76.9
0.378
98.0
14.0
0.639
87.1
2.229
-53.1
0.100
-80.7
0.392
91.3
14.5
0.655
78.9
2.167
-60.6
0.095
-83.9
0.408
84.0
15.0
0.671
69.8
2.080
-68.7
0.091
-86.7
0.435
76.3
15.5
0.682
61.5
1.958
-76.3
0.087
-89.9
0.471
69.1
16.0
0.693
55.0
1.828
-83.2
0.082
-93.1
0.506
62.6
16.5
0.706
50.2
1.719
-88.7
0.077
-95.6
0.528
57.5
17.0
0.730
46.1
1.665
-94.1
0.073
-97.3
0.538
53.2
17.5
0.756
41.4
1.629
-100.3
0.069
-97.9
0.551
49.3
18.0
0.772
37.5
1.609
-105.3
0.068
-98.1
0.567
46.5
S11
S21
S12
S22


Similar Part No. - CFH120-08

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
CFH12 CAMDENBOSS-CFH12 Datasheet
465Kb / 1P
   5x20mm low profile panel mounting fuseholders
More results

Similar Description - CFH120-08

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE4150L SIGE-SE4150L Datasheet
90Kb / 2P
   GPS Receiver IC Preliminary Datasheet
logo
Infineon Technologies A...
DDB6U50N16W1R INFINEON-DDB6U50N16W1R Datasheet
420Kb / 13P
   Preliminary datasheet EasyBRIDGE module with chopper configuration
0.10 2021-07-30
logo
Source Photonics, Inc.
SPS-43-48H-HP-CDE SOURCE-SPS-43-48H-HP-CDE Datasheet
495Kb / 9P
   1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
logo
Sensirion AG Switzerlan...
SFM6000D SENSIRION-SFM6000D Datasheet
1Mb / 12P
   Preliminary Datasheet SFC6000D Mass Flow Controller and SFM6000D Flow Meter
Jan 2023 - v. 0.1
logo
Macronix International
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
   DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
   DATASHEET
logo
Infineon Technologies A...
DDB6U50N16W1RP INFINEON-DDB6U50N16W1RP Datasheet
477Kb / 15P
   Preliminary datasheet EasyBRIDGE module with chopper configuration and pre-applied Thermal Interface Material
0.10 2021-07-28
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
   DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
   DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
   DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com