Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP37210-200 Datasheet(PDF) 86 Page - Microchip Technology

Part # MCP37210-200
Description  Output Data Format
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP37210-200 Datasheet(HTML) 86 Page - Microchip Technology

Back Button MCP37210-200 Datasheet HTML 82Page - Microchip Technology MCP37210-200 Datasheet HTML 83Page - Microchip Technology MCP37210-200 Datasheet HTML 84Page - Microchip Technology MCP37210-200 Datasheet HTML 85Page - Microchip Technology MCP37210-200 Datasheet HTML 86Page - Microchip Technology MCP37210-200 Datasheet HTML 87Page - Microchip Technology MCP37210-200 Datasheet HTML 88Page - Microchip Technology MCP37210-200 Datasheet HTML 89Page - Microchip Technology MCP37210-200 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 116 page
background image
MCP37210-200 AND MCP37D10-200
DS20005395B-page 86
 2015-2016 Microchip Technology Inc.
REGISTER 5-38:
ADDRESS 0X80 – DIGITAL DOWN-CONVERTER CONTROL 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
FCB<0>
HBFILTER_A
EN_NCO
EN_AMPDITH
EN_PHSDITH
EN_LFSR
EN_DDC_FS/8
EN_DDC1
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
FCB<0>: Factory-Controlled bit. This is not for the user. Do not change default setting.
bit 6
HBFILTER_A: Select half-bandwidth filter at DDC output of channel A(1)
1 = Select High-Pass filter at DDC output
0 = Select Low-Pass filter at DDC output (Default)
bit 5
EN_NCO: Enable NCO of DDC1
1 = Enabled
0 = Disabled (Default)
bit 4
EN_AMPDITH: Enable amplitude dithering for NCO(2, 3)
1 = Enabled
0 = Disabled (Default)
bit 3
EN_PHSDITH: Enable phase dithering for NCO(2, 3)
1 = Enabled
0 = Disabled (Default)
bit 2
EN_LFSR: Enable linear feedback shift register (LFSR) for amplitude and phase dithering for NCO
1 = Enabled
0 = Disabled (Default)
bit 1
EN_DDC_FS/8: Enable NCO for the DDC2 to center the DDC output signal to be around fS/8/DER
(4)
1 = Enabled
0 = Disabled (Default)
bit 0
EN_DDC1: Enable digital down-converter 1 (DDC1)
1 = Enabled(5)
0 = Disabled (Default)
Note 1:
This filter includes a decimation of 2.
2:
This requires the LFSR to be enabled: <EN_LFSR>=1
3:
EN_AMPDITH = 1 and EN_PHSDITH = 1 are recommended for the best performance.
4:
DER is the decimation rate defined by FIR A or FIR B filter. If up-converter is disabled, output is I/Q data.
5:
DDC and NCO are enabled. For DDC function, bits 0, 2 and 5 need to be enabled together.
REGISTER 5-39:
ADDRESS 0X81 – DIGITAL DOWN-CONVERTER CONTROL 2
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
FCB<5>
EN_DDC2
GAIN_HBF_DDC
FCB<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
FCB<5>: Factory-Controlled bit. This is not for the user. Do not change default setting.
bit 6
EN_DDC2: Enable DDC2 after the digital half-band filter (HBF) in DDC
1 = Enabled
0 = Disabled (Default)
bit 5
GAIN_HBF_DDC: Gain select for the output of the digital half-band filter (HBF) in DDC
1 =x2
0 =x1 (Default)
bit 4-0
FCB<4:0>: Factory-Controlled bits. This is not for the user. Do not change default settings.


Similar Part No. - MCP37210-200

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP37211-200 MICROCHIP-MCP37211-200 Datasheet
2Mb / 142P
   Power-Saving Modes
06/23/16
More results

Similar Description - MCP37210-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDM630 ETC2-RDM630 Datasheet
143Kb / 4P
   TTL interface RS232 data format
logo
Exar Corporation
XRT75R03D EXAR-XRT75R03D_06 Datasheet
850Kb / 135P
   EXAR DATA SHEET FORMAT TEMPLATES
logo
WAGO Kontakttechnik Gmb...
750-554-000-200 WAGO-750-554-000-200 Datasheet
572Kb / 12P
   2-channel analog output; 4 ??20 mA; S5 PLC data format
750-550-000-200 WAGO-750-550-000-200 Datasheet
448Kb / 12P
   2-channel analog output; 0 ... 10 VDC; S5 PLC data format
750-552-000-200 WAGO-750-552-000-200 Datasheet
544Kb / 12P
   2-channel analog output; 0 ??20 mA; S5 PLC data format
logo
List of Unclassifed Man...
R2705E ETC2-R2705E Datasheet
49Kb / 3P
   27.195MHz FSK Radio Data Receiver for Manchester Data Format
logo
Sanyo Semicon Device
LC8955 SANYO-LC8955 Datasheet
107Kb / 4P
   CD-1 Format ADPCM Data Replay LSI
logo
PHOENIX CONTACT
2702497 PHOENIX-2702497 Datasheet
101Kb / 5P
   The output values are depicted in standardized representation format.
logo
Tyco Electronics
WP-040040-25-9 MACOM-WP-040040-25-9 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
logo
ILLUMINANT CO., LTD
IG0903N-6FBD-183 ILLUMINANT-IG0903N-6FBD-183 Datasheet
54Kb / 1P
   Display Format: 96X32
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com