Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BL6331CP Datasheet(PDF) 11 Page - SHANGHAI BELLING CO., LTD.

Part # BL6331CP
Description  Optimized PWM Output Stage Eliminates LC Output Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL6331CP Datasheet(HTML) 11 Page - SHANGHAI BELLING CO., LTD.

Back Button BL6331CP Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL6331CP Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
BL6331
http://www.belling.com.cn
- 11 -
Total 12 Pages
VDD vs Maximum output
0
500
1000
1500
2000
2500
3000
3500
4000
4500
2.5
3
3.5
4
4.5
5
5.5
VDD(V)
PO NC_OFF
PO_NC1
Figure 8 Maximum output VS VDD @ RL=4ohm
Efficiency vs Po
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
0.02 0.05 0.1 0.15 0.2 0.25 0.4
0.5
0.6
0.8
1
1.2
Po
Vdd=5V
Vdd=2.5
Figure 9 Efficiency VS Po @ RL=8ohm


Similar Part No. - BL6331CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6332 BELLING-BL6332 Datasheet
153Kb / 6P
   Pop noise reduction function
More results

Similar Description - BL6331CP

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL6305MM BELLING-BL6305MM Datasheet
262Kb / 9P
   Optimized PWM Output Stage Eliminates LC Output Filter
logo
NXP Semiconductors
PIP3104-P PHILIPS-PIP3104-P Datasheet
34Kb / 6P
   TrenchMOS output stage
May 2001 Rev 1.000
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5110 TI-TAS5110 Datasheet
264Kb / 20P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
[Old version datasheet]   TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
logo
Silicon Touch Technolog...
PS257 SITI-PS257 Datasheet
319Kb / 14P
   Fault-protection output with open drain output stage
logo
Texas Instruments
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
[Old version datasheet]   TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com