Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWW5SM-KYLX-5P7R-24E4 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LUWW5SM-KYLX-5P7R-24E4
Description  Automotive Lighting Interior and Exterior
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWW5SM-KYLX-5P7R-24E4 Datasheet(HTML) 4 Page - OSRAM GmbH

  LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 1Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 2Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 3Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 4Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 5Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 6Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 7Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 8Page - OSRAM GmbH LUWW5SM-KYLX-5P7R-24E4 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2016-04-20
4
Version 1.0
LUW W5SM
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 21
Farbkoordinaten nach CIE 1931 2) Seite 21
(typ.)
(typ.)
Cx
Cy
0.31
0.32
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage
3) page 21
Durchlassspannung 3) Seite 21
(min.)
(typ.)
(max.)
VF
VF
V
F
2.80
3.22
3.60
V
V
V
Reverse current
Sperrstrom
I
R
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 21
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 21
(typ.)
(max.)
Rth JS real
Rth JS real
6.5
11
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite


Similar Part No. - LUWW5SM-KYLX-5P7R-24E4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWW5SM-KYLX-5P7R-24E4 OSRAM-LUWW5SM-KYLX-5P7R-24E4 Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
More results

Similar Description - LUWW5SM-KYLX-5P7R-24E4

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYETSF OSRAM-LYETSF Datasheet
614Kb / 21P
   Automotive Lighting Interior and Exterior
LSE63F OSRAM-LSE63F Datasheet
378Kb / 22P
   Automotive Lighting Interior and Exterior
LUWW5SM OSRAM-LUWW5SM Datasheet
717Kb / 22P
   Automotive Lighting Interior and Exterior
LWE67C OSRAM-LWE67C_15 Datasheet
614Kb / 22P
   Automotive Lighting Interior and Exterior
LWE6SG OSRAM-LWE6SG Datasheet
477Kb / 23P
   Automotive Lighting Interior and Exterior
LRW5SM-HZJZ-1-1 OSRAM-LRW5SM-HZJZ-1-1 Datasheet
611Kb / 21P
   Automotive Lighting Interior and Exterior
LOT67F OSRAM-LOT67F Datasheet
493Kb / 20P
   Automotive Lighting Interior and Exterior
LYT67F OSRAM-LYT67F Datasheet
494Kb / 20P
   Automotive Lighting Interior and Exterior
LRE6SF OSRAM-LRE6SF Datasheet
493Kb / 21P
   Automotive Lighting Interior and Exterior
LWW5SM OSRAM-LWW5SM Datasheet
732Kb / 23P
   Automotive Lighting Interior and Exterior
LWT6SG OSRAM-LWT6SG Datasheet
697Kb / 24P
   Automotive Lighting Interior and Exterior
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com