Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUWF8DN-SGSI-RS Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWF8DN-SGSI-RS
Description  SMD package with reflector and lens
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWF8DN-SGSI-RS Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWF8DN-SGSI-RS Datasheet HTML 1Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 2Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 3Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 4Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 5Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 6Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 7Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 8Page - OSRAM GmbH LUWF8DN-SGSI-RS Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2016-06-21
1
2016-06-21
OSLUX Phaser III.1
Datasheet
Discontinued
LUW F8DN
Highly efficient light source at low space with
homogenous radiation: 60% at an opening angle
x = 43°; y = 34°.
Hocheffiziente Lichtquelle von geringem Platzbedarf
mit homogener Abstrahlung: 60% beim
Öffnungswinkel x = 43°; y = 34°.
Features:
Besondere Merkmale:
Package: SMD package with reflector and lens
Gehäusetyp: SMD Gehäuse mit Reflektor und
Linse
Technology: ThinGaN (UX:3)
Technologie: ThinGaN (UX:3)
Color: Cx = 0.33, Cy = 0.36 acc. to CIE 1931
(ultra white); CTR = 5750 K
Farbe: Cx = 0.33, Cy = 0.36 nach CIE 1931 (ultra
weiß); CTR = 5750 K
ESD - withstand voltage: 500 V acc. to
JESD22-C101 (CDM, Class III); 2 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 2); 16 kV
acc. to IEC 61000-4-2 (air discharge)
ESD - Festigkeit: 500 V CDM nach JESD22-C101
(CDM, Klasse III); 2 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 2); 16 kV nach IEC
61000-4-2 (Luftentladung)
Applications
Anwendungen
Camera Flash and Video Light
Blitzlicht für Kameras/ Videoleuchte
Torch Light
Taschenlampe


Similar Part No. - LUWF8DN-SGSI-RS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWF8BN-P2P3-R OSRAM-LUWF8BN-P2P3-R Datasheet
1Mb / 23P
   SMD package with lens
More results

Similar Description - LUWF8DN-SGSI-RS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWF65G OSRAM-LUWF65G Datasheet
662Kb / 19P
   SMD package with lens
LUW-F65N OSRAM-LUW-F65N Datasheet
710Kb / 19P
   SMD package with lens
LUWF8BN-P2P3-R OSRAM-LUWF8BN-P2P3-R Datasheet
1Mb / 23P
   SMD package with lens
LW-F65G OSRAM-LW-F65G Datasheet
351Kb / 19P
   SMD package with lens
LUWF65N OSRAM-LUWF65N Datasheet
710Kb / 19P
   SMD package with lens
LUW-F65G OSRAM-LUW-F65G Datasheet
662Kb / 19P
   SMD package with lens
KBHAVPA1.12-UUVT-FKT1 OSRAM-KBHAVPA1.12-UUVT-FKT1 Datasheet
818Kb / 23P
   SMD epoxy package with silicone lens
LRH9GP-HZKX-1-1 OSRAM-LRH9GP-HZKX-1-1 Datasheet
613Kb / 21P
   SMD epoxy package with silicone lens
LTH9GP-JZKZ-26-1 OSRAM-LTH9GP-JZKZ-26-1 Datasheet
621Kb / 21P
   SMD epoxy package with silicone lens
LUWH9GP-KYLY-4C8E-1 OSRAM-LUWH9GP-KYLY-4C8E-1 Datasheet
763Kb / 24P
   SMD epoxy package with silicone lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com