Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMA-GGF-CU2W3791 Datasheet(PDF) 3 Page - Cree, Inc

Part # C4SMA-GGF-CU2W3791
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMA-GGF-CU2W3791 Datasheet(HTML) 3 Page - Cree, Inc

  C4SMA-GGF-CU2W3791 Datasheet HTML 1Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 2Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 3Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 4Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 5Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 6Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 7Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 8Page - Cree, Inc C4SMA-GGF-CU2W3791 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
3
Cree 4-mm Oval LED
C4SMA-RGF/GGF/BGF
• Tolerance of measurement of luminous intensity is ±15%
• Tolerance of measurement of dominant wavelength is ±1 nm
Red: C4SMA-RGF
Bin Code
Min.(mcd)
Max.(mcd)
S4
1017
1100
T1
1100
1205
T2
1205
1310
T3
1310
1415
T4
1415
1520
U1
1520
1672
U2
1672
1824
U3
1824
1976
U4
1976
2130
V1
2130
2347
Blue: C4SMA-BGF
Green: C4SMA-GGF
Bin Code
Min.(mcd)
Max.(mcd)
U2
1672
1824
U3
1824
1976
U4
1976
2130
V1
2130
2347
V2
2347
2564
V3
2564
2781
V4
2781
3000
W1
3000
3295
W2
3295
3590
W3
3590
3885
Red
Bin Code
Min.(nm)
Max.(nm)
RB
619
624
Green
Bin Code
Min.(nm)
Max.(nm)
G7
520
525
G23
522.5
527.5
G8
525
530
G45
527.5
532.5
G9
530
535
Blue
Bin Code
Min.(nm)
Max.(nm)
B4
465
470
B45
467.5
472.5
B5
470
475
B67
472.5
477.5
INTENSITY BIN LIMIT (RED I
F = 15 mA, GREEN IF = 10 mA, BLUE IF = 10 mA)
Bin Code
Min.(mcd)
Max.(mcd)
R2
605
660
R3
660
715
R4
715
770
S1
770
852
S2
852
934
S3
934
1017
S4
1017
1100
T1
1100
1205
T2
1205
1310
T3
1310
1415
COLOR BIN LIMIT (RED I
F = 15 mA, GREEN IF = 10 mA, BLUE IF = 10 mA)


Similar Part No. - C4SMA-GGF-CU2W3791

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMA-GGY CREE-C4SMA-GGY Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-GGY-CU2W37a1 CREE-C4SMA-GGY-CU2W37a1 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-GGY-CU2W37a2 CREE-C4SMA-GGY-CU2W37a2 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-GGY-CU44Q7D1 CREE-C4SMA-GGY-CU44Q7D1 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-GGY-CU44Q7D2 CREE-C4SMA-GGY-CU44Q7D2 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
More results

Similar Description - C4SMA-GGF-CU2W3791

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com