Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C4SMA-RGF-CT24QBB1 Datasheet(PDF) 7 Page - Cree, Inc

Part # C4SMA-RGF-CT24QBB1
Description  Cree Screen Master 4-mm Oval LED
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C4SMA-RGF-CT24QBB1 Datasheet(HTML) 7 Page - Cree, Inc

  C4SMA-RGF-CT24QBB1 Datasheet HTML 1Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 2Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 3Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 4Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 5Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 6Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 7Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 8Page - Cree, Inc C4SMA-RGF-CT24QBB1 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
7
Copyright © 2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
7
Cree 4-mm Oval LED
C4SMA-RGF/GGF/BGF
MECHANICAL DIMENSIONS
All dimensions are in mm. Tolerance is ±0.25 mm unless otherwise noted.
An epoxy meniscus may extend about 1.5 mm down the leads.
Burr around bottom of epoxy may be 0.5 mm max.
NOTES
Lead Frame Materials
Ag-plated and Lead-free Solder-plated iron.
RoHS Compliance
The levels of environmentally sensitive, persistent biologically toxic (PBT), persistent organic pollutants (POP), or other-
wise restricted materials in this product are below the maximum concentration values (also referred to as the threshold
limits) permitted for such substances, or are used in an exempted application, in accordance with EU Directive 2002/95/
EC on the restriction of the use of certain hazardous substances in electrical and electronic equipment (RoHS), as
amended through April 21, 2006.
Vision Advisory Claim
Users should be cautioned not to stare at the light of this LED product. The bright light can damage the eye.


Similar Part No. - C4SMA-RGF-CT24QBB1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMA-RGY CREE-C4SMA-RGY Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-RGY-CS4V1BB1 CREE-C4SMA-RGY-CS4V1BB1 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-RGY-CS4V1BB2 CREE-C4SMA-RGY-CS4V1BB2 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-RGY-CT24QBB1 CREE-C4SMA-RGY-CT24QBB1 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
C4SMA-RGY-CT24QBB2 CREE-C4SMA-RGY-CT24QBB2 Datasheet
897Kb / 10P
   Cree짰 Screen Master짰 4-mm Oval LED
More results

Similar Description - C4SMA-RGF-CT24QBB1

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C4SMF-RJS CREE-C4SMF-RJS Datasheet
975Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMM-RJF CREE-C4SMM-RJF Datasheet
819Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMG-RJF CREE-C4SMG-RJF Datasheet
788Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMK-RJF CREE-C4SMK-RJF Datasheet
761Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMN-RJF CREE-C4SMN-RJF Datasheet
806Kb / 9P
   Cree Screen Master 4-mm Oval LED
S4SMS-RJF CREE-S4SMS-RJF Datasheet
857Kb / 8P
   Cree Screen Master 4-mm Oval LED
C4SMB-RGF CREE-C4SMB-RGF Datasheet
685Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMC-RGF CREE-C4SMC-RGF Datasheet
848Kb / 9P
   Cree Screen Master 4-mm Oval LED
C4SMF-RJF CREE-C4SMF-RJF Datasheet
732Kb / 9P
   Cree Screen Master 4-mm Oval LED
C5SMF-RJF CREE-C5SMF-RJF Datasheet
941Kb / 11P
   Cree Screen Master 5-mm Oval LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com