Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CJQ05N10 Datasheet(PDF) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # CJQ05N10
Description  Dual N-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

CJQ05N10 Datasheet(HTML) 5 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  CJQ05N10 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ05N10 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ05N10 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ05N10 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd CJQ05N10 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SOP8 Tape and Reel
www.cj-elec.com
5
D,Mar,2016
REEL
Reel Size
Box
Box Size(mm)
Carton
Carton Size(mm)
G.W.(kg)
4,000 pcs
13 inch
8,000 pcs
360×360×65
64,000 pcs
565×380×390
Reel Option
13''Dia
Dimensions are in millimeter
D
D1
D2
G
H
I
W1
W2
Ø330.00
100.00
13.00
R151.00
R56.00
R6.50
12.40
17.60


Similar Part No. - CJQ05N10

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJQ07N10 JIANGSU-CJQ07N10 Datasheet
1Mb / 5P
   N-Channel Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
CJQ07N10 DOINGTER-CJQ07N10 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Jiangsu Changjiang Elec...
CJQ08N02K JIANGSU-CJQ08N02K Datasheet
2Mb / 5P
   N-Channel Power MOSFET
More results

Similar Description - CJQ05N10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com