Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3600 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3600
Description  BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3600 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3600 Datasheet HTML 4Page - Texas Instruments TPS3600 Datasheet HTML 5Page - Texas Instruments TPS3600 Datasheet HTML 6Page - Texas Instruments TPS3600 Datasheet HTML 7Page - Texas Instruments TPS3600 Datasheet HTML 8Page - Texas Instruments TPS3600 Datasheet HTML 9Page - Texas Instruments TPS3600 Datasheet HTML 10Page - Texas Instruments TPS3600 Datasheet HTML 11Page - Texas Instruments TPS3600 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TPS3600D20, TPS3600D25, TPS3600D33, TPS3600D50
BATTERY BACKUP SUPERVISORS FOR LOW POWER PROCESSORS
SLVS336B − DECEMBER 2000 − REVISED JANUARY 2007
8
detailed description (continued)
power-fail comparator (PFI and PFO)
An additional comparator is provided to monitor voltages other than the nominal supply voltage. The power-fail
input (PFI) will be compared with an internal voltage reference of 1.15 V. If the input voltage falls below the
power-fail threshold, V(PFI), of 1.15 V typical, the power-fail output (PFO) goes low. If it goes above V(PFI) plus
about 12-mV hysteresis, the output returns to high. By connecting two external resistors, it is possible to
supervise any voltages above V(PFI). The sum of both resistors should be about 1 MΩ, to minimize power
consumption and also to ensure that the current in the PFI pin can be neglected compared with the current
through the resistor network. The tolerance of the external resistors should be not more than 1% to ensure
minimal variation of sensed voltage.
If the power-fail comparator is unused, connect PFI to ground and leave PFO unconnected.
BATTON
Most often BATTON is used as a gate drive for an external pass transistor for high-current applications. In
addition it can be also used as a logic output to indicate the battery switchover status. BATTON is high when
VOUT is connected to VBAT.
BATTON can be directly connected to the gate of a PMOS transistor (see Figure 3). No current-limiting resistor
is required. When using a PMOS transistor, it must be connected backwards from the traditional method (see
Figure 3). This method orients the body diode from VDD to VOUT and prevents the backup battery from
discharging through the FET when its gate is high.
TPS3600
VDD
VOUT
BATTON
DS
G
GND
PMOS FET
Body Diode
Figure 3. Driving an External MOSFET Transistor With BATTON
backup-battery switchover
In the event of a brownout or power failure, it may be necessary to keep a processor running. If a backup battery
is installed at VBAT, the devices automatically connect the processor to backup power when VDD fails. In order
to allow the backup battery (e.g., a 3.6-V lithium cell) to have a higher voltage than VDD, this family of supervisors
will not connect VBAT to VOUT when VBAT is greater than VDD. VBAT only connects to VOUT (through a 2-Ω switch)
when VOUT falls below V(SWN) and VBAT is greater than VDD. When VDD recovers, switchover is deferred either
until VDD crosses VBAT, or when VDD rises above the threshold V(SWP). (See the timing diagram)
VDD > VBAT
VDD > V(SW)
VOUT
1
1
VDD
1
0
VDD
0
1
VDD
0
0
VBAT
www.ti.com


Similar Part No. - TPS3600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PW TI-TPS3600D20PW Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWG4 TI-TPS3600D20PWG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWR TI-TPS3600D20PWR Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3600D20PWRG4 TI-TPS3600D20PWRG4 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
More results

Similar Description - TPS3600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3600D20 TI-TPS3600D20 Datasheet
503Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR LOW-POWER PROCESSORS
TPS3606-33 TI-TPS3606-33 Datasheet
388Kb / 18P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR LOW-POWER PROCESSORS
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610U18 TI1-TPS3610U18_16 Datasheet
1Mb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com