Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RU-SPX4 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # RU-SPX4
Description  Schottky Barrier Diode (Twin TypeCathode Common)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

RU-SPX4 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  RU-SPX4 Datasheet HTML 1Page - Sanyo Semicon Device RU-SPX4 Datasheet HTML 2Page - Sanyo Semicon Device RU-SPX4 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBT250-10L
No.7800-1/3
Applications
High frequency rectification (switching regulators, converters, choppers).
Features
Guaranteed up to Tj=150
°C.
Low forward voltage (VF max=0.80V).
Fast reverse recovery time.
Low switching noise.
High reliability due to highly reliable planar structure.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Repetitive Peak Reverse Voltage
VRRM
100
V
Nonrepetitive Peak Reverse Surge Voltage
VRSM
105
V
Average Output Current
IO
50Hz resistive load, Sine wave Tc=92
°C25
A
Surge Forward Current
IFSM
50Hz sine wave, 1 cycle
100
A
Junction Temperature
Tj
--55 to +150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Reverse Voltage
VR
IR=3mA, Tj=25°C*
100
V
Forward Voltage
VF
IF=9.5A, Tj=25°C*
0.80
V
Reverse Current
IR
VR=50V, Tj=25°C*
0.3
mA
Interterminal Capacitance
C
VR=10V, Tj=25°C*
280
pF
Thermal Resistance
Rth(j-c)
Junction-Case : Smoothed DC
1.6
°C / W
Note) * : Value per element
Ordering number : ENN7800
62405SD MS IM TB-00001561
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
SBT250-10L
Schottky Barrier Diode (Twin Type · Cathode Common)
100V, 25A Rectifier


Similar Part No. - RU-SPX4

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RU-050505 RECOM-RU-050505 Datasheet
96Kb / 3P
   1 Watt SIP7 Isolated Dual Output
RU-050505 RECOM-RU-050505 Datasheet
97Kb / 2P
   Twin Independent Outputs
RU-050505 RECOM-RU-050505 Datasheet
97Kb / 2P
   Twin Independent Outputs
RU-050509 RECOM-RU-050509 Datasheet
89Kb / 3P
   1 Watt SIP7 Isolated Dual Output
RU-050509P RECOM-RU-050509P Datasheet
89Kb / 3P
   1 Watt SIP7 Isolated Dual Output
More results

Similar Description - RU-SPX4

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBR160-10J SANYO-SBR160-10J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 16A Rectifier
SBR200-16JS SANYO-SBR200-16JS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 20A Rectifier
SBT150-06J SANYO-SBT150-06J Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 15A Rectifier
SBT250-04Y SANYO-SBT250-04Y Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 25A Rectifier
SBT350-10L SANYO-SBT350-10L Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 35A Rectifier
SBT350-06L SANYO-SBT350-06L Datasheet
35Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 60V, 35A Rectifier
SBR30016JS SANYO-SBR30016JS Datasheet
54Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 160V, 30A Rectifier
SBT150-04J SANYO-SBT150-04J Datasheet
38Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 40V, 15A Rectifier
SBT250-10R SANYO-SBT250-10R Datasheet
36Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 25A Rectifier
SBT150-10JS SANYO-SBT150-10JS Datasheet
40Kb / 3P
   Schottky Barrier Diode (Twin Type 쨌 Cathode Common) 100V, 15A Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com