Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3610U18 Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS3610U18
Description  BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3610U18 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS3610U18 Datasheet HTML 6Page - Texas Instruments TPS3610U18 Datasheet HTML 7Page - Texas Instruments TPS3610U18 Datasheet HTML 8Page - Texas Instruments TPS3610U18 Datasheet HTML 9Page - Texas Instruments TPS3610U18 Datasheet HTML 10Page - Texas Instruments TPS3610U18 Datasheet HTML 11Page - Texas Instruments TPS3610U18 Datasheet HTML 12Page - Texas Instruments TPS3610U18 Datasheet HTML 13Page - Texas Instruments TPS3610U18 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
TPS3610U18, TPS3610T50
BATTERY BACKUP SUPERVISORS FOR RAM RETENTION
SLVS327B – DECEMBER 2000 – REVISED DECEMBER 2002
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
manual switchover (MSWITCH)
While operating in the normal mode from VDD, the device can be forced manually to operate in battery-backup
mode by connecting MSWITCH to VDD. Refer to Table 1 for different switchover modes.
Table 1. Switchover Modes
MSWITCH
STATUS
V
mode
GND
VDD mode
VDD mode
VDD
Switch to battery-backup mode
Batter back p mode
GND
Battery-backup mode
Battery-backup mode
VDD
Battery-backup mode
If the manual switchover feature is not used, MSWITCH must be connected to ground.
watchdog
In a microprocessor- or DSP-based system, it is important not only to supervise the supply voltage, but also to
ensure correct program execution. The task of a watchdog is to ensure that the program is not stalled in an
indefinite loop. The microprocessor, microcontroller or DSP has to toggle the watchdog input within typically
0.8 s to avoid the occurence of a time-out. Either a low-to-high or a high-to-low transition resets the internal
watchdog timer. If the input is unconnected, the watchdog is disabled and is retriggered internally.
saving current while using the watchdog
The watchdog input is internally driven low during the first 7/8 of the watchdog time-out period, then the input
momentarily pulses high, resetting the watchdog counter. For minimum watchdog input current (minimum
overall power consumption), WDI should be left low for the majority of the watchdog time-out period, and pulsed
low-high-low once within 7/8 of the watchdog time-out period to reset the watchdog timer. If instead WDI is
externally driven high for the majority of the timeout period, a current of, e.g., 5 V/40 k
Ω ≈ 125 µA, can flow into
WDI.
VIT
WDI
RESET
td
td
t(tout)
VOUT
td
Undefined
Figure 5. Watchdog Timing


Similar Part No. - TPS3610U18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PW TI-TPS3610U18PW Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PW TI1-TPS3610U18PW Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWG4 TI-TPS3610U18PWG4 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3610U18PWG4 TI1-TPS3610U18PWG4 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
More results

Similar Description - TPS3610U18

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3610U18 TI-TPS3610U18 Datasheet
543Kb / 26P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI-TPS3619-33 Datasheet
337Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33 TI1-TPS3619-33_16 Datasheet
870Kb / 17P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP_14 Datasheet
625Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3610T50 TI1-TPS3610T50 Datasheet
709Kb / 27P
[Old version datasheet]   BATTERY-BACKUP SUPERVISORS FOR RAM RETENTION
TPS3619-33-EP TI1-TPS3619-33-EP Datasheet
618Kb / 18P
[Old version datasheet]   BACKUP-BATTERY SUPERVISORS FOR RAM RETENTION
TPS3617-50 TI1-TPS3617-50 Datasheet
271Kb / 15P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3617 TI1-TPS3617 Datasheet
612Kb / 17P
[Old version datasheet]   BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3631-01 TI1-TPS3631-01 Datasheet
469Kb / 19P
[Old version datasheet]   ADJUSTABLE BATTERY-BACKUP SUPERVISOR FOR RAM RETENTION
TPS3613-01 TI1-TPS3613-01 Datasheet
319Kb / 15P
[Old version datasheet]   Adustable battery-backup supervisor for ram retention
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com