Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS116L-X Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS116L-X
Description  Battery Powered Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS116L-X Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS116L-X Datasheet HTML 1Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 2Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 3Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 4Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 5Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 6Page - Advanced Monolithic Systems AMS116L-X Datasheet HTML 7Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AMS116
TYPICAL PERFORMANCE CHARACTERISTICS
Line Transient Response
TIME (
µs)
C
2= 100 µF
015
30
45
0
3
-1
0
1
2
3
V
IN = VOUT = 9V
010
20
0
300
200
100
Peak Output Current
30
INPUT VOLTAGE (V)
50
250
150
T
J = 85°C
T
J= 25°C
T
J = -40°C
040
80
0
0.6
0.4
0.2
Dropout Voltage
120
JUNCTION TEMPERATURE (° C)
0.1
0.5
0.3
I
O = 10mA
050
0
1.2
0.8
0.4
Dropout Voltage
100
OUTPUT CURRENT (mA)
0.2
1.0
0.6
-40
40
80
120
25
10
Quiescent Current
TEMPERATURE (° C)
15
2
0
0
030
60
0
30
20
10
Quiescent Current
90
OUTPUT CURRENT (mA)
5
25
15
-2
~
~
~
~
~
~
-3
~
~
V
IN = 14V
20
3
1
Load Transient Response
TIME (
µs)
C
2= 100µF
015
30
45
0
150
-40
0
40
~
~
~
~
I
O = 50mA
I
O = 100mA
I
O = 50mA
I
O = 0mA
-5
5
20
10
35
-20 -10
0
10
20
30
40
50
60
INPUT VOLTAGE (V)
Quiescent Current
0
15
30
25
I
O= 10mA
45
55
70
60
85
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Ripple Rejection
50
65
80
75
C2 = 100
µF
ALUM
I
O= 10mA
C2 = 100
µF
TANTALUM
I
O= 50mA
I
O= 100mA
Advanced Monolithic Systems, Inc.
www.advanced-monolithic.com
Phone (925) 443-0722
Fax (925) 443-0723


Similar Part No. - AMS116L-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS116L-X ADMOS-AMS116L-X Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS116L-X

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com