Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2316-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2316-Q1
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2316-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2316-Q1 Datasheet HTML 6Page - Texas Instruments TLV2316-Q1 Datasheet HTML 7Page - Texas Instruments TLV2316-Q1 Datasheet HTML 8Page - Texas Instruments TLV2316-Q1 Datasheet HTML 9Page - Texas Instruments TLV2316-Q1 Datasheet HTML 10Page - Texas Instruments TLV2316-Q1 Datasheet HTML 11Page - Texas Instruments TLV2316-Q1 Datasheet HTML 12Page - Texas Instruments TLV2316-Q1 Datasheet HTML 13Page - Texas Instruments TLV2316-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
1
10
100
1000
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
C015
250
275
300
325
350
375
400
425
450
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
Supply Voltage (V)
C001
0
1
10
100
1000
10000
100000
±75
±50
±25
0
25
50
75
100
125
150
Temperature (
ƒC)
C001
I
B+
I
B -
Ios
-45
0
45
90
135
180
225
270
±20
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
1M
10M
100M
Frequency (Hz)
VS = “2.75 V
VS = “0.9 V
C006
Phase
Gain
V
S = “2.75 V
V
S = “0.9 V
0
5
10
15
20
25
Offset Voltage (mV)
C013
±2500
±2000
±1500
±1000
±500
0
500
1000
1500
2000
2500
±3
±2
±1
0
1
2
3
V
CM (V)
C001
V
CM = -2.95 V
N-
Channel
P-
Channel
Transition
V
CM = 2.95 V
10
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.9 Typical Characteristics
at TA = 25°C, VS = 5.5 V, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted)
Distribution taken from 12551 amplifiers
Figure 1. Offset Voltage Production Distribution
V+ = 2.75 V
V– = –2.75 V
9 typical units
shown
Figure 2. Offset Voltage vs Common-Mode Voltage
VCM < (V+) – 1.4 V
Figure 3. Open-Loop Gain and Phase vs Frequency
Figure 4. Input Bias and Offset Current vs Temperature
Figure 5. Input Voltage Noise Spectral Density vs Frequency
Figure 6. Quiescent Current vs Supply Voltage


Similar Part No. - TLV2316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2316 TI1-TLV2316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV2316 TI1-TLV2316 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV2316IDGKR TI1-TLV2316IDGKR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV2316IDGKR TI1-TLV2316IDGKR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV2316IDGKT TI1-TLV2316IDGKT Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results

Similar Description - TLV2316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com