Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV316-Q1 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV316-Q1
Description  10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV316-Q1 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV316-Q1 Datasheet HTML 12Page - Texas Instruments TLV316-Q1 Datasheet HTML 13Page - Texas Instruments TLV316-Q1 Datasheet HTML 14Page - Texas Instruments TLV316-Q1 Datasheet HTML 15Page - Texas Instruments TLV316-Q1 Datasheet HTML 16Page - Texas Instruments TLV316-Q1 Datasheet HTML 17Page - Texas Instruments TLV316-Q1 Datasheet HTML 18Page - Texas Instruments TLV316-Q1 Datasheet HTML 19Page - Texas Instruments TLV316-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
16
TLV316-Q1, TLV2316-Q1, TLV4316-Q1
SBOS845A – NOVEMBER 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: TLV316-Q1 TLV2316-Q1 TLV4316-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV316-Q1, TLV2316-Q1, and TLV4316-Q1 devices are powered on when the supply is connected. The
devices can operate as a single-supply operational amplifier or a dual-supply amplifier, depending on the
application.
8.2 System Examples
When receiving low-level signals, the device often requires limiting the bandwidth of the incoming signals into the
system. The simplest way to establish this limited bandwidth is to place an RC filter at the noninverting pin of the
amplifier, as shown in Figure 15.
Figure 15. Single-Pole, Low-Pass Filter
If even more attenuation is needed, the device requires a multiple-pole filter. The Sallen-Key filter can be used
for this task, as shown in Figure 16. For best results, the amplifier must have a bandwidth that is eight to ten
times the filter frequency bandwidth. Failure to follow this guideline can result in a phase shift of the amplifier.
Figure 16. Two-Pole, Low-Pass, Sallen-Key Filter


Similar Part No. - TLV316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316 Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV316 TI1-TLV316 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316IDBVR TI1-TLV316IDBVR Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
TLV316IDBVR TI1-TLV316IDBVR Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
TLV316IDBVT TI1-TLV316IDBVT Datasheet
1Mb / 35P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage
More results

Similar Description - TLV316-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV316 TI1-TLV316_16 Datasheet
1Mb / 37P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifiers
OPA316-Q1 TI1-OPA316-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   10-MHz, Rail-to-Rail Input/Output, Low-Voltage, 1.8-V CMOS Operational Amplifier
logo
STMicroelectronics
TS185X STMICROELECTRONICS-TS185X Datasheet
427Kb / 24P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
March 2010 Rev 4
TS187X STMICROELECTRONICS-TS187X Datasheet
1Mb / 25P
   1.8 V input/output, rail-to-rail, low power operational amplifiers
November 2012 Rev 7
logo
Texas Instruments
LMV931-Q1 TI1-LMV931-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931IDBVRG4 TI-LMV931IDBVRG4 Datasheet
514Kb / 27P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
LMV931 TI-LMV931 Datasheet
725Kb / 26P
[Old version datasheet]   1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
logo
Analog Devices
AD8515 AD-AD8515 Datasheet
242Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. B
logo
Texas Instruments
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
logo
Analog Devices
AD8515 AD-AD8515_07 Datasheet
370Kb / 16P
   1.8 V Low Power CMOS Rail-to-Rail Input/Output Operational Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com