Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM381P Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM381P
Description  Digitally selectable delays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM381P Datasheet(HTML) 4 Page - ELM Electronics

  ELM381P Datasheet HTML 1Page - ELM Electronics ELM381P Datasheet HTML 2Page - ELM Electronics ELM381P Datasheet HTML 3Page - ELM Electronics ELM381P Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Example Applications
4 of 4
The following shows two circuits using the ELM381.
In both cases, it is assumed that the 60Hz for the clock
input has been derived from another circuit, with due
regard for the safety of the users. Isolating/stepdown
transformers should be used whenever possible.
Typically, a sinusoidal AC voltage will be used for
the clock signal, with a peak magnitude that is greater
than VDD (or less than VSS). For these cases, a series
resistor (100K
Ω in the figures) must be added to prevent
the input currents from exceeding the protection diode
capabilities. Another design consideration is the need to
provide a DC path from the Clock input back to either
VDD or VSS at all times (so the CMOS input is not left
floating). As an example, connecting to one side of a
centre-tapped transformer that has its centre connected
to VSS is an excellent way to obtain a signal, while
maintaining a DC path to VSS through the winding. No
extra resistor is needed in this case. Connecting to the
‘DC side’ of a half wave rectifier circuit is likely not
advisable however, without adding an extra pulldown
resistor to ensure that the voltage returns to Vss when
the clock signal is not present. (Recall that a reverse
biased diode is essentially an open circuit.)
The first example (Figure 1) is designed to control a
swimming pool pump. This circuit is useful for stopping
the circulating pump during the night (reducing energy
consumption and heat loss), while providing normal
operation during the day. The interface to the high
voltage pump supply is not shown, but would typically
be a transistor stage driving an electromechanical relay
circuit.
The pushbutton shown is pressed once on the first
day at about 7pm, resetting the circuit. With D1=H and
D0=L, the circuit will then operate continuously with a
24 hour period, the output (Pump Enable) at a high level
from 7am to 7pm, and at a low level otherwise.
The two resistors shown with asterisks (*) may be
required to reduce the effects of induced charges and
currents if the pushbutton is mounted more than a
couple of feet from the IC. In this case, protecting
resistors (typically about 10K
Ω) should be connected as
shown.
Figure 2 shows another typical circuit. This one is a
retriggerable timer that could be used to control lights,
fans, etc. while providing an ‘auto-off’ feature. For the
circuit shown, the control output remains active for a
minimum of six hours, but the period is extended each
time the start button is pressed.
The ELM381 is inherently an astable circuit that
cycles on and off continually, so using it for this
‘retriggerable one-shot’ operation requires the addition
of external latching circuitry as shown. A quad NOR
(CMOS 4001) provides the required logic while leaving
a fourth gate free for other uses (be sure to tie its inputs
to VDD or VSS if unused).
In operation, a new timing period begins whenever
the pushbutton is pressed, as it is tied to the reset input.
The Control Output latch is also set by this action,
forcing a high output. If a half period is ever reached
the ELM381 Out signal (pin 7) will go high, resetting the
latch and causing a low Control Output. After this time,
the ELM381 will continue to cycle, but the Contol Output
will remain off. As with the circuit of Figure 1,
precautions should be taken if the pushbutton is located
in an electrically noisy environment, or an appreciable
distance from the integrated circuit.
As shown by these two examples, the ELM381
simplifies many long term timing applications, allowing
several new possibilities…
ELM381
ELM381DSA
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Figure 1. Pool Pump Control Circuit
1
2
3
4
8
7
6
5
time zero
60Hz
Input
*
Pump
Enable
100K
+5V
+5V
*
0.01µF
1
2
3
4
8
7
6
5
start
60Hz
Input
Control
Output
100K
+5V
0.01µF
Figure 2. Retriggerable Control Circuit


Similar Part No. - ELM381P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM381 ELM-ELM381 Datasheet
30Kb / 4P
   60 Hz Long Interval Counter
More results

Similar Description - ELM381P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA-2406 INTERSIL-HA-2406_02 Datasheet
336Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
logo
Texas Instruments
CD74AC04M96G4 TI-CD74AC04M96G4 Datasheet
878Kb / 14P
[Old version datasheet]   Balanced Propagation Delays
logo
National Semiconductor ...
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
   Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
logo
AVAGO TECHNOLOGIES LIMI...
ACNV4506 AVAGO-ACNV4506 Datasheet
1Mb / 14P
   Short Maximum Propagation Delays
ACPL-M484 AVAGO-ACPL-M484 Datasheet
499Kb / 12P
   Short Maximum Propagation Delays
ACPL-M46U-000E AVAGO-ACPL-M46U-000E Datasheet
274Kb / 13P
   Fast maximum propagation delays
ACPL-M483 AVAGO-ACPL-M483 Datasheet
219Kb / 12P
   Short Maximum Propagation Delays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com