Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEC1210I-CN-02NC-TR Datasheet(PDF) 5 Page - Microchip Technology

Part # SEC1210I-CN-02NC-TR
Description  Smart Card Bridge to USB and UART Interfaces
Download  218 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SEC1210I-CN-02NC-TR Datasheet(HTML) 5 Page - Microchip Technology

  SEC1210I-CN-02NC-TR Datasheet HTML 1Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 2Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 3Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 4Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 5Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 6Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 7Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 8Page - Microchip Technology SEC1210I-CN-02NC-TR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 218 page
background image
 2013 - 2016 Microchip Technology Inc.
DS00001561C-page 5
SEC1110/SEC1210
•UART
- Standard PC (9600, 19200, 38400 and 115200) baud rates supported
- 3 M baud high-speed rate (non-PC standard)
• SPI
- Master capability with 12 MHz max performance
• General
- 5.0 V tolerance on user accessible IO pins
- Self-clocking internal oscillator, no external crystal required
- 3.6 V-5.5 V supply input
- Internal 4.8 V comparator disables Class A card support if the input voltage is too low
1.2
Smart Card Subsystem
The SEC1110 and SEC1210 are fully compliant with the prevailing Smart Card standards: ISO7816, EMV, and PC/SC.
It meets and exceeds all existing requirements for communication bit rate (ETU duration) and includes support for pro-
posed bit rates up to 826 Kbps. Signal levels and current limits are also fully compliant.
The Smart Card power is regulated and switched internally, supporting all 5.0 V, 3.0 V, and 1.8 V Smart Cards (classes
A, B, and C, respectively). Over-current protection is provided, and a detected over-current condition is available as an
interrupt. The required standard activation and deactivation sequences are provided with software interaction. However,
deactivation is handled in hardware as the card is being removed. This scenario ensures the required sequence regard-
less of software participation. If the system clock is inactive at the time, the card movement is detected asynchronously,
and the Wake-On Event feature is used to re-start the system clock so that the de-activation sequence can continue.
Interface signals to the Smart Card are designed to meet both standard drive levels and current limitations internally,
requiring no external series resistors. ESD protection on these signals meets the full standard requirements.
The device is a superset of the familiar 16450 UART architecture, with extensions in the form of a larger FIFO, special-
ized state machines for T=0 protocol parsing, automatic half-duplex turnaround at the completion of a transmitted mes-
sage, and a specially-designed set of timers to enforce standards compliance in timing (as required of a terminal by the
ISO7816 and EMV standards).
With the full-packet-depth FIFO on-chip, software is almost totally excluded from real-time requirements. It loads an out-
going message into the FIFO, triggers the transfer, and reads the returned data at any time after it becomes available.
The reset sequence (cold or warm) is equally hands-off: software sets up the sequence and activates the reset, and is
alerted when the ATR message has been received (via the FIFO Threshold Interrupt). The threshold is dynamically pro-
grammable with byte granularity, so that threshold interrupts can be received at various stages in the processing of a
message of initially unknown length (such as ATR).
For detecting data time-outs, and for other mandatory timing tasks having to do with communication with a Smart Card,
a set of three protocol timers is provided:
• Time-out timer, for monitoring the standard WWT, BWT and WTX time-out intervals
• CWT timer, for monitoring the T=1 CWT time-out interval
• Guard timer, for ensuring the BGT and EGT transmission intervals, with special usage during a Reset sequence.
A separate general purpose timer is provided for software driver use.
Synchronous card support using GPIOs controlled via registers in the Smart Card device.


Similar Part No. - SEC1210I-CN-02NC-TR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1201C SANKEN-SEC1201C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Flat Lens)
SEC1201C SANKEN-SEC1201C Datasheet
427Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Flat Lens Type)
SEC1201C SANKEN-SEC1201C Datasheet
198Kb / 10P
   3.0*1.5 Surface Mount LED
SEC1203C SANKEN-SEC1203C Datasheet
24Kb / 1P
   3x1.5 Surface Mount LED (Inner Lens)
SEC1203C SANKEN-SEC1203C Datasheet
426Kb / 2P
   3.0 횞 1.5 Surface Mount LEDs (Inner Lens Type)
More results

Similar Description - SEC1210I-CN-02NC-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122 Datasheet
2Mb / 213P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
AT83C5127 ATMEL-AT83C5127 Datasheet
236Kb / 9P
   MICROCONTROLLER WITH USB AND SMART CARD READER INTERFACES
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
ATMEL Corporation
AT83C5122 ATMEL-AT83C5122_08 Datasheet
2Mb / 208P
   C51 Microcontroller with USB and Smart Card Reader Interfaces
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com