Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BT860-BT861 Datasheet(PDF) 1 Page - Conexant Systems, Inc

Part No. BT860-BT861
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
Download  111 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CONEXANT [Conexant Systems, Inc]
Homepage  http://www.conexant.com
Logo 

BT860-BT861 Datasheet(HTML) 1 Page - Conexant Systems, Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 111 page
background image
Data Sheet
D860DSA
July 27, 1999
Bt860/861
Multiport YCrCb to NTSC/PAL /SECAM
Digital Video Encoder
The Bt860/861 is a multiport digital video encoder with pixel synchronization and
per-pixel blending capabilities. The three 8-bit YCrCb data ports allow for a variety of
video and graphic overlay configurations useful in video set-top box applications.
The Bt860/861 is specifically designed for video systems requiring composite,
Y/C (S-Video), and simultaneous component YUV or RGB (SCART) video signals.
Worldwide video standards are supported, including NTSC-M (N. America, Taiwan,
Japan), PAL-B,D,G,H,I (Europe, Asia), PAL-M (Brazil), PAL-N (Uruguay, Paraguay),
PAL-Nc (Argentina), PAL-60, NTSC-443, and SECAM. The Bt860 and Bt861 are
functionally identical except that the Bt861 can output the Macrovision 7.x anticopy
algorithm.
Multisource video is a key feature of the Bt860/861. Two general purpose ports
(P and OSD) allow synchronization with sources that can share clock and frame
timing control with the Bt860/861, such as digital video and graphic overlay content
generated by an MPEG video decoder. A third port (VID) is specifically configured to
interface with video decoders such as those in the Conexant VideoStream decoder
family. Any pair of these three ports can be synchronized and blended.
Functional Block Diagram
VIDHACT
VIDVACT
VID[7:0]
COMP1
COMP2
10
TTXREQ
VIDCLK
VIDVALID
TTXDAT
10
10
10
VIDFIELD
HSYNC*
VSYNC*
BLANK*
FIELD
P[7:0]
OSD[7:0]
CLKO
XTI
XTO
CLKIN
ALPHA[1:0]
10
DAC F
DAC E
DAC D
DAC C
DAC B
DAC A
10
FSADJ1
FSADJ2
SIC
SID
ALTADDR
RESET*
VREF
1.3 MHz
LPF
Teletext
Encoder
Serial
Interface
Internal
VREF
Pixel
Sync.
and
Mixing
2x
Upsampling
Mod.
and
Mixer
DAC
DAC
DAC
DAC
Color
Space
Convert
DAC
Internal
VREF
XTAL
OSC
PLL
Clock
Generation
DAC
Distinguishing Features
Six 10-bit DACs with individual power
management
Simultaneous output of YUV, S-Video,
and CVBS, or RGB (SCART), S-Video,
and CVBS
Current drive output DACs for superior
video quality and reduced system cost
Dynamic video load sensing for reduced
power operation
Three sharpness filter options (1,2,3.5 dB
gain) and four reduction filter options
Programmable adjustment of brightness,
contrast, color saturation, and hue
Glueless interface with a video decoder
Three 8-bit YCrCb 4:2:2 inputs for overlay
or blending
ITU-R BT.656, ITU-R BT.601 digital video
input options
NTSC-M, PAL (B,D,G,H,I), PAL-M, PAL-N,
NTSC-443, PAL-Nc, PAL-60 and SECAM
video output
2x upsampling and internal filtering for
reduced cost
Master or slave video timing with
programmable HSYNC* delay
Interlaced/noninterlaced operation
Macrovision 7.x copy protection (Bt861)
Closed Captioning and Extended Data
Services encoding
Teletext encoding (WST system B)
400 kHz serial programming interface
On-board voltage reference
Reduced power modes
Programmable luma delay (two channels)
3.3 V supply, 5 V-tolerant inputs
Copy Generation Management System
(CGMS) support
VARIS-II and Wide Screen Signalling
(WSS) multiple aspect ratio support
Internal color bar generation
Blue field generation
80-pin MQFP package
Related Products
Bt852, Bt868/869, Bt864A/865A,
Bt866/867
Bt835, Bt829A/B
Applications
Digital cable television systems
Satellite TV receivers (DBS/DVB/DSS)
DVD players
Video CD players
Digital cameras
PC add-on cards
Video editing


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn