Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT860-BT861 Datasheet(PDF) 57 Page - Synaptics Incorporated.

Part # BT860-BT861
Description  Multiport YCrCb to NTSC / PAL / SECAM Digital Video Encoder
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEXANT [Synaptics Incorporated.]
Direct Link  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

BT860-BT861 Datasheet(HTML) 57 Page - Synaptics Incorporated.

Back Button BT860-BT861 Datasheet HTML 53Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 54Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 55Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 56Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 57Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 58Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 59Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 60Page - Synaptics Incorporated. BT860-BT861 Datasheet HTML 61Page - Synaptics Incorporated. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 111 page
background image
Bt860/861
3.0 Digital Processing and Functionality
Multiport YCrCb to NTSC/PAL /SECAM
3.2 Effects
D860DSA
Conexant
3-27
3.2.15.3 General
Teletext Operation
A logical 1 on the TTXDAT pin corresponds to an analog output value of 66% of
the black-to-white transition (approximately 462 mV above black), and a logical
0 corresponds to black.
The Bt860/861 does not automatically provide any Teletext data, such as the
clock run-in and framing code; the user must provide all data.
Setting register bit TXE to 1 enables Teletext encoding. Register field
TTXBF1[8:0] sets the start Teletext line for field 1, and register field
TTXEF1[8:0] sets the end Teletext line for field 1. Register field TTXBF2 sets
the start Teletext line for field 2, and register field TTXEF2[8:0] sets the end
Teletext line for field 2. These 9-bit registers can be set to any value from 0–311,
but setting the start line before line 7 is not recommended. The start line should be
less than or equal to the end line. If the start and end lines for a field are the same
value, Teletext is disabled for that field. Register bit SQUARE must be set to 0
for ITU-R BT.601 timing (27 MHz system clock), and 1 for square pixel timing
(29 MHz system clock).
The TTX_DIS register field allows the user to disable the Teletext function on
specific lines in the odd and even fields as listed in Table 3-11.
3.2.16 Wide Screen Signaling
Wide Screen Signaling (WSS) is used in 625-line systems on line 23. WSS data is
14 bits long and is entered on register bits WSS[14:1]. Register bits
WSSDAT[20:15] are ignored. To enable WSS on field 1, line 23, set register bit
EWSSF1 to 1. Register bit EWSSF2 is ignored, because WSS cannot be enabled
on field 2. If the clock is at CCIR clock speeds (27 MHz), set register bit
SQUARE to 0; if the clock is at square pixel speeds (29.5 MHz), set register bit
SQUARE to 1. The clock run-in and start codes are automatically inserted onto
the signal, but CRC data is not.
Table 3-11. Teletext Line Disable
Register
Bit
TTX Line
(F1/F2)
Register
Bit
TTX Line
(F1/F2)
TTX_DIS[0]
8 / 321
TTX_DIS[8]
16 / 329
TTX_DIS[1]
9 / 322
TTX_DIS[9]
17 / 330
TTX_DIS[2]
10 / 323
TTX_DIS[10]
18 / 331
TTX_DIS[3]
11 / 324
TTX_DIS[11]
19 / 332
TTX_DIS[4]
12 / 325
TTX_DIS[12]
20 / 333
TTX_DIS[5]
13 / 326
TTX_DIS[13]
21 / 334
TTX_DIS[6]
14 / 327
TTX_DIS[14]
22 / 335
TTX_DIS[7]
15 / 328
TTX_DIS[15]
23 / 336


Similar Part No. - BT860-BT861

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT861 ETC-BT861 Datasheet
416Kb / 4P
   High-Performance Multisource Video for a Wide Range of Systems
logo
Synaptics Incorporated.
BT864A CONEXANT-BT864A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
BT865A CONEXANT-BT865A Datasheet
363Kb / 4P
   High Performance YCrCb to NTSC/PAL Digital Video Encoders
BT865AKRF CONEXANT-BT865AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
More results

Similar Description - BT860-BT861

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
BT864AKRF CONEXANT-BT864AKRF Datasheet
735Kb / 71P
   YCrCb to NTSC/PAL Digital Video Encoder
logo
List of Unclassifed Man...
BT856 ETC-BT856 Datasheet
621Kb / 54P
   YCrCb or RGB to NTSC/PAL Digital Video Encoder
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
logo
Analog Devices
ADV7175 AD-ADV7175 Datasheet
447Kb / 36P
   Integrated Digital CCIR-601 YCrCb to PAL/NTSC Video Encoder
REV. A
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VQ AKM-AK8859VQ Datasheet
703Kb / 73P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com