Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56300FM Datasheet(PDF) 3 Page - Motorola, Inc

Part # DSP56300FM
Description  high density CMOS device with 3.3 V inputs and outputs
Download  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56300FM Datasheet(HTML) 3 Page - Motorola, Inc

  DSP56300FM Datasheet HTML 1Page - Motorola, Inc DSP56300FM Datasheet HTML 2Page - Motorola, Inc DSP56300FM Datasheet HTML 3Page - Motorola, Inc DSP56300FM Datasheet HTML 4Page - Motorola, Inc DSP56300FM Datasheet HTML 5Page - Motorola, Inc DSP56300FM Datasheet HTML 6Page - Motorola, Inc DSP56300FM Datasheet HTML 7Page - Motorola, Inc DSP56300FM Datasheet HTML 8Page - Motorola, Inc DSP56300FM Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
Features
Freescale Semiconductor
PRELIMINARY
3
1.2
On-chip Memory Configuration
6Kx24 Bit Y-Data RAM and 4Kx24 Bit Y-Data ROM.
6Kx24 Bit X-Data RAM and 4Kx24 Bit X-Data ROM.
20Kx24 Bit Program and Bootstrap ROM including a PROM patching mechanism.
6Kx24 Bit Program RAM.
Various memory switches are available. See memory table below.
1.3
Peripheral modules
Enhanced Serial Audio Interface (ESAI): up to 4 receiver pins and up to 6 transmitter pins, master or slave. I2S, Sony,
AC97, network and other programmable protocols.
Enhanced Serial Audio Interface I (ESAI_1): up to 4 receiver pins and up to 6 transmitter pins, master or slave. I2S, Sony,
AC97, network and other programmable protocols. Note: Available in the 80 pin package only
Serial Host Interface (SHI): SPI and I2C protocols, 10-word receive FIFO, support for 8, 16 and 24-bit words. Three noise
reduction filter modes.
Triple Timer module (TEC).
Most pins of unused peripherals may be programmed as GPIO pins. Up to 47 pins can be configured as GPIO on the
80 pin package and 20 pins on the 52 pin package.
Hardware Watchdog Timer
1.4
Packages
80-pin and 52-pin plastic LQFP packages.
Table 1. DSP56374 Memory Switch Configurations
Bit Settings
Memory Sizes (24-bit words)
MSW1
MSW0
MS
Prog
RAM
X Data
RAM
Y Data
RAM
Prog
ROM
X Data
ROM
Y Data
ROM
X
X
0
6K
6K
6K
20K
4K
4K
0
0
1
2K
10K
6K
20K
4K
4K
0
1
1
4K
8K
6K
20K
4K
4K
1
0
1
8K
4K
6K
20K
4K
4K
1
1
1
10K
4K
4K
20K
4K
4K


Similar Part No. - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
2Mb / 168P
   24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
3Mb / 152P
   24-Bit Audio Digital Signal Processor
Rev. 4, 08/2006
logo
Motorola, Inc
DSP56300FM MOTOROLA-DSP56300FM Datasheet
1Mb / 108P
   24-Bit Digital Signal Processor
logo
NXP Semiconductors
DSP56300FM NXP-DSP56300FM Datasheet
2Mb / 110P
   24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
logo
Freescale Semiconductor...
DSP56300FM FREESCALE-DSP56300FM Datasheet
1Mb / 100P
   24-Bit Audio Digital Signal Processor
More results

Similar Description - DSP56300FM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56374 NXP-DSP56374 Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
Rev. 4.2, 1/2007
logo
Freescale Semiconductor...
DSPB56374AE FREESCALE-DSPB56374AE Datasheet
1Mb / 64P
   The DSP56374 is a high-density CMOS device with 3.3 V inputs and outputs.
logo
NXP Semiconductors
DSP56371 NXP-DSP56371 Datasheet
1Mb / 68P
   The DSP56371 is a high density CMOS device with 5.0-V compatible inputs and outputs
Rev. 4.1, 1/2007
logo
Freescale Semiconductor...
DSPA56371 FREESCALE-DSPA56371 Datasheet
1Mb / 124P
   The DSP56371 is a high density CMOS device with 5.0-volt compatible inputs and outputs.
logo
Motorola, Inc
DSP56371 MOTOROLA-DSP56371 Datasheet
1Mb / 102P
   high density CMOS device
logo
Freescale Semiconductor...
DSP56371 FREESCALE-DSP56371 Datasheet
954Kb / 68P
   high density CMOS device
DSP56374 FREESCALE-DSP56374 Datasheet
1Mb / 64P
   a high-density CMOS device
logo
Integrated Device Techn...
IDT72V2101 IDT-IDT72V2101 Datasheet
242Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
IDT72V2101 IDT-IDT72V2101_14 Datasheet
434Kb / 27P
   3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO
logo
ON Semiconductor
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com