Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP96002 Datasheet(PDF) 66 Page - Motorola, Inc

Part # DSP96002
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP96002 Datasheet(HTML) 66 Page - Motorola, Inc

Back Button DSP96002 Datasheet HTML 62Page - Motorola, Inc DSP96002 Datasheet HTML 63Page - Motorola, Inc DSP96002 Datasheet HTML 64Page - Motorola, Inc DSP96002 Datasheet HTML 65Page - Motorola, Inc DSP96002 Datasheet HTML 66Page - Motorola, Inc DSP96002 Datasheet HTML 67Page - Motorola, Inc DSP96002 Datasheet HTML 68Page - Motorola, Inc DSP96002 Datasheet HTML 69Page - Motorola, Inc DSP96002 Datasheet HTML 70Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 111 page
background image
Packaging
PGA Package
3-6
DSP96002/D, Rev. 2
MOTOROLA
E1
Input/Output
BA13
E2
Input/Output
BA16
E3
Input/Output
BA22
E4
Input
GNDN
E15
Input
GNDN
E16
Input/Output
AA24
E17
Input/Output
AA28
E18
Input/Output
AA29
F1
Input/Output
BA12
F2
Input/Output
BA14
F3
Input/Output
BA19
F4
Input
GNDN
F15
Input
GNDN
F16
Input/Output
AA27
F17
Input/Output
AA30
F18
Input/Output
AD31
G1
Input/Output
BA09
G2
Input/Output
BA10
G3
Input
VCCN
G4
Input
VCCN
G15
Input
GNDN
G16
Input/Output
AA31
G17
Input/Output
AD30
G18
Input/Output
AD29
H1
Input/Output
BA08
H2
Input
CLK
H3
Input/Output
BA11
H4
Input
VCCQ
H15
Input
VCCN
H16
Input/Output
AD28
H17
Input/Output
AD27
H18
Input/Output
AD26
J1
Input
ATA
J2
Input
BTA
J3
Input/Output
BA07
J4
Input
GNDQ
Table 3-1
DSP96002 Pin List, 223-pin PGA Package (Continued)
Pin
Number
Signal Type
Signal Name
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP96002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP96002 NXP-DSP96002 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002/D NXP-DSP96002/D Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002FE40 NXP-DSP96002FE40 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002FE60 NXP-DSP96002FE60 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002RC33 NXP-DSP96002RC33 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
More results

Similar Description - DSP96002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP96002 NXP-DSP96002 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
logo
STMicroelectronics
SST-MELODY STMICROELECTRONICS-SST-MELODY Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
logo
Analog Devices
SST-MELODY-SHARC AD-SST-MELODY-SHARC_15 Datasheet
414Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
logo
STMicroelectronics
IMST805E STMICROELECTRONICS-IMST805E Datasheet
3Mb / 70P
   32-bit floating-point transputer - xtended temperature
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com