Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP96002 Datasheet(PDF) 50 Page - Motorola, Inc

Part # DSP96002
Description  32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP96002 Datasheet(HTML) 50 Page - Motorola, Inc

Back Button DSP96002 Datasheet HTML 46Page - Motorola, Inc DSP96002 Datasheet HTML 47Page - Motorola, Inc DSP96002 Datasheet HTML 48Page - Motorola, Inc DSP96002 Datasheet HTML 49Page - Motorola, Inc DSP96002 Datasheet HTML 50Page - Motorola, Inc DSP96002 Datasheet HTML 51Page - Motorola, Inc DSP96002 Datasheet HTML 52Page - Motorola, Inc DSP96002 Datasheet HTML 53Page - Motorola, Inc DSP96002 Datasheet HTML 54Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
Specifications
AC Electrical Characteristics
2-28
DSP96002/D, Rev. 2
MOTOROLA
Reset, Mode Select, Interrupt Timing
Figure 2-22 OnCE DSCK Next Command After Read Register Timing
Table 2-11
Reset, Mode Select, Interrupt Timing
No.1
Characteristic2
33.3 MHz3
40 MHz4
60 MHz4
Unit
Min Max Min
Max
Min
Max
160
RESET Asserted to D0–D31, A0–A31,
S0–S1, R/W, BS, TT, TS, BA Three-
state
—709
—6010
—50
ns
161
RESET Asserted to BL, BR, HR
Deasserted
10011
—8512
—60
ns
162
RESET Width Asserted5
60013
50013
40013
—ns
163
Asynchronous RESET Deassertion to
First External Access
30014
36515
25014
30516
20014
24516
ns
164
Synchronous Reset Setup Time from
RESET Deassertion to CLK High
62517
52017
41617
ns
165
Synchronous Reset Delay from CLK
High to First External Access7
24218
25419
20218
21220
16218
170
ns
166
Mode Select Setup Time
50
50
40
ns
167
Mode Select Hold Time
0
0—0—
ns
168
Edge-Triggered Interrupt Request
Width
10
10—10—
ns
169
Delay from IRQA, IRQB, or IRQC
assertion to External Memory Access
Out Valid Caused by First Interrupt
Instruction Execution6
28421
236.521
18921
—ns
DSCK
(input)
(Read Register)
(Next Command)
144
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP96002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP96002 NXP-DSP96002 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002/D NXP-DSP96002/D Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002FE40 NXP-DSP96002FE40 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002FE60 NXP-DSP96002FE60 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
DSP96002RC33 NXP-DSP96002RC33 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
More results

Similar Description - DSP96002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP96002 NXP-DSP96002 Datasheet
12Mb / 111P
   32-BIT GENERAL PURPOSE FLOATING-POINT DUAL-PORT PROCESSOR
Rev. 2
logo
STMicroelectronics
SST-MELODY STMICROELECTRONICS-SST-MELODY Datasheet
409Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
logo
Analog Devices
SST-MELODY-SHARC AD-SST-MELODY-SHARC_15 Datasheet
414Kb / 20P
   High End, Multichannel, 32-Bit Floating-Point Audio Processor
logo
STMicroelectronics
IMST805E STMICROELECTRONICS-IMST805E Datasheet
3Mb / 70P
   32-bit floating-point transputer - xtended temperature
logo
Analog Devices
ADSP-21020 AD-ADSP-21020 Datasheet
422Kb / 32P
   32/40-Bit IEEE Floating-Point DSP Microprocessor
REV. C
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C6701 TI-SMJ320C6701_07 Datasheet
925Kb / 64P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com