Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2CL71A Datasheet(PDF) 4 Page - American Microsemiconductor

Part # 2CL71A
Description  GERMANIUM PNP MESA TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2CL71A Datasheet(HTML) 4 Page - American Microsemiconductor

  2CL71A Datasheet HTML 1Page - American Microsemiconductor 2CL71A Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 2 page
background image
A d v a n c i n g t h e S e m i c o n d u c t o r I n d u s t r y S i n c e 1 9 7 2
2CL Series
High Voltage Rectifier Series
© 2013 American Microsemiconductor, Inc.
Specifications are subject to change without notice.
Aerospace Mgmt. Sys. Cert.
AS/EN/JISQ9100:2009 Rev. C
ISO9001:2008
Cert No. 45325
133 Kings Road,
Madison, New Jersey 07940
United States of America
Tel. 1-973-377-9566, Fax. 1-973-377-3078
www.americanmicrosemi.com
Document Page 4 of 4
Revised 06/2013
CL04-15
15
350
16
40
5.0
---
CL01-15D
15
350
16
30
5.0
---
CL03-15T
15
300
24
30
5.0
100/80
CL05-15T
15
500
24
40
5.0
100/80
2CL75
16
5
60.0
0.5
2.0
80
2CL18KV/20mA
18
20
50
2
2.0
100
2CL18KV/30mA
18
30
50
2
2.0
100
2CL0518
18
50
20
5
2.0
---
2CL0518
18
50
30
5
2.0
100
2CL20-18T
18
200
35
20
2.0
100/80
CL03-18T
18
300
35
30
5.0
100/80
2CL77
20
5
75.0
0.5
2.0
80
2CL20KV/20mA
20
20
55
2
2.0
100
2CL20KV/30mA
20
30
55
2
2.0
100
2CL0520
20
50
22
5
2.0
---
2CL0520
20
50
35
5
2.0
100
2CL10-20
20
100
35
10
2.0
100
2CL25KV/20mA
25
20
60
2
2.0
100
2CL25KV/30mA
25
30
60
2
2.0
100
SERIES ELECTRICAL SPECIFICATIONS (cont.)
End of Document


Similar Part No. - 2CL71A

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
2CL71A DACHANG-2CL71A Datasheet
117Kb / 2P
   Plastic Fast Recover High Voltage Rectifier Reverse Voltage 8KV Forward Current 5mA
logo
Shenzhen Luguang Electr...
2CL71A LUGUANG-2CL71A Datasheet
202Kb / 2P
   楹삣닓遙섇럨雅뚧엨嶸↓뇞?③쳵??씈?㎫쉪?곈씊瀯볠엫?딀돥?e램?븝펽??갊?묋꼥?잏㈉?뚧낏?먨칳??쉪弱곮즳鸚뽩숱?
logo
GETAI ELECTRONICS DEVIC...
2CL71A GETEDZ-2CL71A Datasheet
68Kb / 1P
   5mA 8kV HIGH VOLTAGE DIODES
2CL71A GETEDZ-2CL71A Datasheet
625Kb / 2P
   High Voltage Silicon Rectifier Diode
logo
Diotec Semiconductor
2CL71A DIOTEC-2CL71A Datasheet
148Kb / 2P
   Ultrafast Recovery High Voltage Rectifier Diodes
More results

Similar Description - 2CL71A

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2N1925 AMMSEMI-2N1925 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
America Semiconductor, ...
2N2375 AMERICASEMI-2N2375 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
American Microsemicondu...
2CL70A AMMSEMI-2CL70A Datasheet
673Kb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1414 AMMSEMI-2N1414 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1924 AMMSEMI-2N1924 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
America Semiconductor, ...
2N2000 AMERICASEMI-2N2000 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
American Microsemicondu...
2N1415 AMMSEMI-2N1415 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1926 AMMSEMI-2N1926 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
logo
America Semiconductor, ...
2N2043 AMERICASEMI-2N2043 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N1999 AMERICASEMI-2N1999 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
2N2374 AMERICASEMI-2N2374 Datasheet
1Mb / 2P
   GERMANIUM PNP MESA TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com