Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST38VF6403-90-5I-B3KE Datasheet(PDF) 10 Page - Microchip Technology

Part # SST38VF6403-90-5I-B3KE
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6403-90-5I-B3KE Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST38VF6403-90-5I-B3KE Datasheet HTML 6Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 7Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 8Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 9Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 10Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 11Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 12Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 13Page - Microchip Technology SST38VF6403-90-5I-B3KE Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
©2015
DS-20005015B
08/15
10
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
During the Program operation, the only valid reads are Data# Polling, Toggle Bits, and RY/BY#. During
the internal Program operation, the host is free to perform additional tasks. Any commands issued
during the internal Program operation are ignored. During the command sequence, WP# should be
statically held high or low.
When programming more than a few words, Microchip recommends Write-Buffer Programming.
Write-Buffer Programming
The SST38VF6401/6402/6403/6404 offer Write-Buffer Programming, a feature that enables faster
effective word programming. To use this feature, write up to 16 words with the Write-to-Buffer com-
mand, then use the Program Buffer-to-Flash command to program the Write-Buffer to memory.
The Write-to-Buffer command consists of between 5 and 20 write cycles. The total number of write
cycles in the Write-to-Buffer command sequence is equal to the number of words to be written to the
buffer plus four.
The first three cycles in the command sequence tell the device that a Write-to-Buffer operation will
begin.
The fourth cycle tells the device the number of words to be written into the buffer and the block address
of these words. Specifically, the write cycle consists of a block address and a data value called the
Word Count (WC), which is the number of words to be written to the buffer minus one. If the WC is
greater than 15, the maximum buffer size minus 1, then the operation aborts.
For the fifth cycle, and all subsequent cycles of the Write-to-Buffer command, the command sequence
consists of the addresses and data of the words to be written into the buffer. All of these cycles must
have the same A21 - A4 address, otherwise the operation aborts. The number of Write cycles required
is equal to the number of words to be written into the Write-Buffer, which is equal to WC plus one. The
correct number of Write cycles must be issued or the operation will abort. Each Write cycle decre-
ments the Write-Buffer counter, even if two or more of the Write cycles have identical address values.
Only the final data loaded for each buffer location is held in the Write-Buffer.
Once the Write-to-Buffer command sequence is completed, the Program Buffer-to-Flash command
should be issued to program the Write-Buffer contents to the specified block in memory. The block
address (i.e. A21 - A15) in this command must match the block address in the 4th write cycle of the
Write-to-Buffer command or the operation aborts. See Table 11 for details on Write-to-Buffer and Pro-
gram-Buffer-to-Flash commands.
While issuing these command sequences, the Write-Buffer Programming Abort detection bit (DQ1)
indicates if the operation has aborted. There are several cases in which the device can abort:
In the fourth write cycle of the Write-to-Buffer command, if the WC is greater than 15, the opera-
tion aborts.
In the fifth and all subsequent cycles of the Write-to-Buffer command, if the address values, A21 -
A4, are not identical, the operation aborts.
If the number of write cycles between the fifth to the last cycle of the Write-to-Buffer command is
greater than WC +1, the operation aborts.
After completing the Write-to-Buffer command sequence, issuing any command other than the
Program Buffer-to-Flash command, aborts the operation.
Loading a block address, i.e. A21-A15, in the Program Buffer-to-Flash command that does not
match the block address used in the Write-to-Buffer command aborts the operation.


Similar Part No. - SST38VF6403-90-5I-B3KE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6403 MICROCHIP-SST38VF6403 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6403B MICROCHIP-SST38VF6403B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6403B MICROCHIP-SST38VF6403B Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6403B-70-5I-CD MICROCHIP-SST38VF6403B-70-5I-CD Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6403B-70-5I-TV MICROCHIP-SST38VF6403B-70-5I-TV Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
More results

Similar Description - SST38VF6403-90-5I-B3KE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com