Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST38VF6403-90-5C-B3KE Datasheet(PDF) 11 Page - Microchip Technology

Part # SST38VF6403-90-5C-B3KE
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6403-90-5C-B3KE Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST38VF6403-90-5C-B3KE Datasheet HTML 7Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 8Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 9Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 10Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 11Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 12Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 13Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 14Page - Microchip Technology SST38VF6403-90-5C-B3KE Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
©2015
DS-20005015B
08/15
11
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
If the Write-to-Buffer or Program Buffer-to-Flash operation aborts, then DQ1 = 1 and the device enters
Write-Buffer-Abort mode. To execute another operation, a Write-to-Buffer Abort-Reset command must
be issued to clear DQ1 and return the device to standard read mode.
After the Write-to-Buffer and Program Buffer-to-Flash commands are successfully issued, the pro-
gramming operation can be monitored using Data# Polling, Toggle Bits, and RY/BY#.
Sector/Block-Erase Operations
The Sector-Erase and Block-Erase operations allow the system to erase the device on a sector-by-
sector, or block-by-block, basis. The SST38VF6401/6402/6403/6404 offer both Sector-Erase and Block-
Erase modes.
The Sector-Erase architecture is based on a sector size of 4 KWords. The Sector-Erase command can
erase any 4 KWord sector (S0 - S1023).
The Block-Erase architecture is based on block size of 32 KWords. In SST38VF6401 and
SST38VF6402 devices, the Block-Erase command can erase any 32KWord Block (B0-B127). For the
non-uniform boot block devices, SST38VF6403 and SST38VF6404, the Block-Erase command can
erase any 32 KWord block except the block that contains the boot area. In the boot area, Block-Erase
behaves like Sector-Erase, and only erases a 4KWord sector. For the SST38VF6403 device, a Block-
Erase executed on the Boot Block (B0), will result in the device erasing a 4KWord sector in B0 located
at A21-A12. For the SST38VF6404 device, a Block-Erase executed on the Boot Block (B127), will result
in the device erasing a 4KWord sector in B127 located at A21-A12.
The Sector-Erase operation is initiated by executing a six-byte command sequence with Sector-Erase
command (50H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated
by executing a six-byte command sequence with Block-Erase command (30H) and block address (BA)
in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse,
while the command (50H or 30H) is latched on the rising edge of the sixth WE# pulse. The internal
Erase operation begins after the sixth WE# pulse. The End-of-Erase operation can be determined
using either Data# Polling or Toggle Bit methods. The RY/BY# pin can also be used to monitor the
erase operation. For more information, see Figures 14 and 15 for timing waveforms and Figure 29 for
the flowchart.
Any commands, other than Erase-Suspend, issued during the Sector- or Block-Erase operation are
ignored.
Any attempt to Sector- or Block-Erase memory inside a block protected by Volatile Block Pro-
tection, Non-Volatile Block Protection, or WP# (low) will be ignored. During the command sequence,
WP# should be statically held high or low.
Erase-Suspend/Erase-Resume Commands
The Erase-Suspend operation temporarily suspends a Sector- or Block-Erase operation thus allowing
data to be read or programmed into any sector or block that is not engaged in an Erase operation. The
operation is executed with a one-byte command sequence with Erase-Suspend command (B0H). The
device automatically enters read mode within 20 µs (max) after the Erase-Suspend command had
been issued. Valid data can be read, using a Read or Page Read operation, from any sector or block
that is not being erased. Reading at an address location within Erase-Suspended sectors or blocks will
output DQ2 toggling and DQ6 at ‘1’. While in Erase-Suspend, a Word-Program or Write-Buffer Pro-
gramming operation is allowed anywhere except the sector or block selected for Erase-Suspend.


Similar Part No. - SST38VF6403-90-5C-B3KE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6403 MICROCHIP-SST38VF6403 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6403B MICROCHIP-SST38VF6403B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6403B MICROCHIP-SST38VF6403B Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6403B-70-5I-CD MICROCHIP-SST38VF6403B-70-5I-CD Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
SST38VF6403B-70-5I-TV MICROCHIP-SST38VF6403B-70-5I-TV Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
More results

Similar Description - SST38VF6403-90-5C-B3KE

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6401B MICROCHIP-SST38VF6401B_V01 Datasheet
1Mb / 56P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
REVISION D Nov 2013
SST38VF6401 MICROCHIP-SST38VF6401_V01 Datasheet
7Mb / 66P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401B MICROCHIP-SST38VF6401B Datasheet
713Kb / 58P
   64 Mbit (x16) Advanced Multi-Purpose Flash Plus
2013
logo
Silicon Storage Technol...
SST39VF6401B SST-SST39VF6401B Datasheet
476Kb / 30P
   64 Mbit (x16) Multi-Purpose Flash Plus
logo
Microchip Technology
SST39VF6401B MICROCHIP-SST39VF6401B_V01 Datasheet
4Mb / 38P
   64 Mbit (x16) Multi-Purpose Flash Plus
Revision C May 2018
SST39VF6401B MICROCHIP-SST39VF6401B Datasheet
530Kb / 36P
   64 Mbit (x16) Multi-Purpose Flash Plus
08/15
logo
Silicon Storage Technol...
SST39VF1601 SST-SST39VF1601 Datasheet
496Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39VF1601 SST-SST39VF1601_05 Datasheet
509Kb / 32P
   16 Mbit / 32 Mbit / 64 Mbit (x16) Multi-Purpose Flash Plus
SST39WF1601 SST-SST39WF1601_11 Datasheet
618Kb / 27P
   16 Mbit (x16) Multi-Purpose Flash Plus
SST39VF801C-70-4C-B3KE SST-SST39VF801C-70-4C-B3KE Datasheet
378Kb / 38P
   8 Mbit (x16) Multi-Purpose Flash Plus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com