Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST25WF020A Datasheet(PDF) 11 Page - Microchip Technology

Part # SST25WF020A
Description  2 Mbit 1.8V SPI Serial Flash
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020A Datasheet(HTML) 11 Page - Microchip Technology

Back Button SST25WF020A_14 Datasheet HTML 7Page - Microchip Technology SST25WF020A_14 Datasheet HTML 8Page - Microchip Technology SST25WF020A_14 Datasheet HTML 9Page - Microchip Technology SST25WF020A_14 Datasheet HTML 10Page - Microchip Technology SST25WF020A_14 Datasheet HTML 11Page - Microchip Technology SST25WF020A_14 Datasheet HTML 12Page - Microchip Technology SST25WF020A_14 Datasheet HTML 13Page - Microchip Technology SST25WF020A_14 Datasheet HTML 14Page - Microchip Technology SST25WF020A_14 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
 2014 Microchip Technology Inc.
DS20005139E-page 11
SST25WF020A
5.3
Page-Program
The Page-Program instruction programs up to 256
Bytes of data in the memory. The data for the selected
page address must be in the erased state (FFH) before
initiating the Page-Program operation. A Page-Pro-
gram applied to a protected memory area will be
ignored. Prior to the program operation, execute the
WREN instruction.
To execute a Page-Program operation, the host drives
CE# low, then sends the Page-Program command
cycle (02H), three address cycles, followed by the data
to be programmed, and then drives CE# high. The pro-
grammed data must be between 1 to 256 Bytes and in
whole byte increments; sending less than a full byte will
cause the partial byte to be ignored. Poll the BUSY bit
in the Status register, or wait TPP, for the completion of
the internal, self-timed, Page-Program operation. See
Figure 5-3 for the Page-Program sequence and Figure
6-9 for the Page-Program flow chart.
When executing Page-Program, the memory range for
the SST25WF020A is divided into 256-Byte page
boundaries. The device handles the shifting of more
than 256 Bytes of data by maintaining the last 256
Bytes as the correct data to be programmed. If the tar-
get address for the Page-Program instruction is not the
beginning of the page boundary (A[7:0] are not all
zero), and the number of bytes of data input exceeds or
overlaps the end of the address of the page boundary,
the excess data inputs wrap around and will be pro-
grammed at the start of that target page.
FIGURE 5-3:
PAGE-PROGRAM SEQUENCE
25139 F60.1
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
Data Byte 0
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB
CE#(cont’)
SO(cont’)
SI(cont’)
SCK(cont’)
40 41 42 43 44 45 46
47 48
Data Byte 1
HIGH IMPEDANCE
MSB
MSB
MSB
LSB
50 51 52 53 54 55
49
Data Byte 2
Data Byte 255
LSB
LSB
LSB
LSB


Similar Part No. - SST25WF020A_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF020A-40-5I-SN MICROCHIP-SST25WF020A-40-5I-SN Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
SST25WF020A-40I/MF MICROCHIP-SST25WF020A-40I/MF Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A-40I/SN MICROCHIP-SST25WF020A-40I/SN Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020AT-40-5I-NP MICROCHIP-SST25WF020AT-40-5I-NP Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
SST25WF020AT-40-5I-SN MICROCHIP-SST25WF020AT-40-5I-SN Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
More results

Similar Description - SST25WF020A_14

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25WF020A MICROCHIP-SST25WF020A_V01 Datasheet
1Mb / 42P
   2 Mbit 1.8V SPI Serial Flash
Revision F July 2017
SST25WF020A MICROCHIP-SST25WF020A Datasheet
546Kb / 36P
   2 Mbit 1.8V SPI Serial Flash
2013
SST25WF040B MICROCHIP-SST25WF040B Datasheet
734Kb / 39P
   4 Mbit 1.8V SPI Serial Flash
2014
SST25WF080B MICROCHIP-SST25WF080B Datasheet
726Kb / 39P
   8 Mbit 1.8V SPI Serial Flash
2014
SST25WF040B MICROCHIP-SST25WF040B_V01 Datasheet
1Mb / 41P
   4 Mbit 1.8V SPI Serial Flash
Revision E Dec 2018
SST25WF080 MICROCHIP-SST25WF080_12 Datasheet
228Kb / 33P
   8 Mbit 1.8V SPI Serial Flash
10/12
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512 Datasheet
826Kb / 29P
   512 Kbit / 1 Mbit / 2 Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25WF512 MICROCHIP-SST25WF512 Datasheet
252Kb / 36P
   512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit 1.8V SPI Serial Flash
11/14
logo
Silicon Storage Technol...
SST25WF512 SST-SST25WF512_10 Datasheet
887Kb / 32P
   512 Kbit / 1 Mbit / 2 Mbit / 4Mbit 1.8V SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com